Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 20Page - ams-OSRAM AG AS3418 Datasheet HTML 21Page - ams-OSRAM AG AS3418 Datasheet HTML 22Page - ams-OSRAM AG AS3418 Datasheet HTML 23Page - ams-OSRAM AG AS3418 Datasheet HTML 24Page - ams-OSRAM AG AS3418 Datasheet HTML 25Page - ams-OSRAM AG AS3418 Datasheet HTML 26Page - ams-OSRAM AG AS3418 Datasheet HTML 27Page - ams-OSRAM AG AS3418 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 23
6.4.1
Parameter
VBAT =1.8V, TA= 25ºC, unless otherwise specified.
Figure 22:
Microphone Supply Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RL_HP
Load Impedance
Stereo Operation Mode
16
32
Ω
Mono Operation Mode
32
Ω
CL_HP
Load Capacitance
Per channel
100
pF
PHP
Nominal Output
Power Stereo Mode
VBAT= 1.8V; 32
Ω load;
THD<0.1%
35
mW
VBAT= 1.4V; 32
Ω load;
THD<0.1%
20
mW
VBAT= 1.8V; 16
Ω load;
THD<0.1%
55
mW
VBAT= 1.4V; 16
Ω load;
THD<0.1%
30
mW
PBRIDGE
Nominal Output
Power Differential
Mode
VBAT= 1.8V; 32
Ω load;
THD<0.1%
130
mW
VBAT= 1.4V; 32
Ω load;
THD<0.1%
75
mW
IHPH
Supply Current
VBAT = 1.8V; no input signal,
normal mode
2.9
mA
VBAT = 1.8V; no input signal,
ECO mode
2.4
mA
VBAT = 1.4V; no input signal,
normal mode
2.8
mA
VBAT = 1.4V; no signal, ECO
mode
2.3
mA
PSRRHP
Power Supply
Rejection Ratio
1kHz
100
dB
SNR
Signal to Noise
Ratio
High Quality Mode, Line Input -
> HPH stereo in phase test
signal; 32Ω load; VBAT = 1.8V;
A-weighted
117
dB
High Quality Mode, Line Input -
> HPH stereo out of phase test
signal; 32
Ω load; VBAT = 1.8V;
A-weighted
117.5
dB
ECO Mode, Line Input -> HPH
stereo in phase test signal;
32Ω load; VBAT = 1.8V; A-
weighted
114
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com