Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 55 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 55 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 51Page - ams-OSRAM AG AS3418 Datasheet HTML 52Page - ams-OSRAM AG AS3418 Datasheet HTML 53Page - ams-OSRAM AG AS3418 Datasheet HTML 54Page - ams-OSRAM AG AS3418 Datasheet HTML 55Page - ams-OSRAM AG AS3418 Datasheet HTML 56Page - ams-OSRAM AG AS3418 Datasheet HTML 57Page - ams-OSRAM AG AS3418 Datasheet HTML 58Page - ams-OSRAM AG AS3418 Datasheet HTML 59Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 54
Addr: 0x05
PUSH_DELAY
Bit
Bit Name
Default
Access
Bit Description
2:0
PWR_UP_BU
T_TIME
000
R/W
This register controls the hold time for the push
button in order to power up the AS3418. Depending
on the register setting the power up push button time
can be programmed accordingly. This delay is
applied for button, slider and full slider mode.
000: 5ms
001: 500ms
010: 1000ms
011: 1500ms
100: 2000ms
101: 2500ms
110: 2500ms
111: 2500ms
Figure 73:
ON_DELAY Register Description
Addr: 0x06
ON_DELAY
Bit
Bit Name
Default
Access
Bit Description
5:3
LDO_BOOST
001
R/W
This register controls the pre-charge time of the
microphone supply LDO. LDO_BOOST is effective
not only during startup but also whenever the LDO is
enabled after startup.
000: 0ms
001: 150ms
010: 400ms
011: 600ms
100: 800ms
101: 1000ms
110: 1200ms
111: 1500ms
2:0
ON_DELAY
000
R/W
This register controls the power on delay setting. If
this register is set, the device powers up but stays in
a Mute mode with the integrated bypass switches
deactivated to block unwanted noise at the line input.
000: 0ms
001: 200ms
010: 400ms
011: 600ms
100: 800ms
101: 1200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com