Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 13Page - ams-OSRAM AG AS3418 Datasheet HTML 14Page - ams-OSRAM AG AS3418 Datasheet HTML 15Page - ams-OSRAM AG AS3418 Datasheet HTML 16Page - ams-OSRAM AG AS3418 Datasheet HTML 17Page - ams-OSRAM AG AS3418 Datasheet HTML 18Page - ams-OSRAM AG AS3418 Datasheet HTML 19Page - ams-OSRAM AG AS3418 Datasheet HTML 20Page - ams-OSRAM AG AS3418 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 16
Figure 12 :
Simulated Microphone Frequency Response
In applications with PCB space limitations it is also possible to remove the capacitors CAC and connect
MICACL and MICACR pins directly to AGND. In this configuration AC coupling of the QMICR and
QMICL signals is recommended.
6.2.2
Parameter
VBAT=1.8V, TA= 25ºC , CAC=10µF, CMIC=4.7µF and RMICIN
=2.2kΩ unless otherwise specified.
Figure 13:
Microphone Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VMICIN_0
Typical maximum
Input Signal Level
Preamplifier gain=0dB, THD <
0.1%
1050
mVRMS
VMICIN_0
Preamplifier gain=20dB, THD <
0.1%
110
mVRMS
SNR
Signal to Noise
Ratio
0dB gain, High quality mode,
AGC disabled
119
dB
10dB gain, High quality mode,
AGC disabled
109
dB
20dB gain, High quality mode,
AGC disabled
106
dB
0dB gain, ECO mode, AGC
disabled
117
dB
10dB gain, ECO mode, AGC
disabled
108
dB
-5
0
5
10
15
20
25
30
35
10
100
1k
10k
f [Hz]
0dB
6dB
12dB
18dB
24dB
30dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com