Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 62 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 62 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 58Page - ams-OSRAM AG AS3418 Datasheet HTML 59Page - ams-OSRAM AG AS3418 Datasheet HTML 60Page - ams-OSRAM AG AS3418 Datasheet HTML 61Page - ams-OSRAM AG AS3418 Datasheet HTML 62Page - ams-OSRAM AG AS3418 Datasheet HTML 63Page - ams-OSRAM AG AS3418 Datasheet HTML 64Page - ams-OSRAM AG AS3418 Datasheet HTML 65Page - ams-OSRAM AG AS3418 Datasheet HTML 66Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 61
Figure 83:
MON_MIC_RIGHT_GAIN Register Description
Addr: 0x10
MON_MIC_RIGHT_GAIN
Bit
Bit Name
Default
Access
Bit Description
6:0
MON_MIC_RI
GHT_GAIN
101
0111
R/W
Volume settings for right microphone input,
adjustable in 63 steps of 0.5dB for Monitor operation
mode.
000 0000: 0dB
000 0001: 0.5dB gain
000 0010: 1.0dB gain
000 0011: 1.5dB gain
…
011 1110: 31dB gain
011 1111: do not use
101 0111: MUTE (Mute code if NEG_ATT_EN bit
set)
111 1111: MUTE (Mute code if NEG_ATT_EN bit
not set)
7.2.4
PBO Mode Control Registers
Figure 84:
PBO_MODE0 Register Description
Addr: 0x11
PBO_MODE0
Bit
Bit Name
Default
Access
Bit Description
7
PBO_EN
1
R/W
This bit disables the Playback Only mode function in
all modes. No external pull up resistor is required on
ANC / CSDA pin if this bit is set to ‘0’.
0: Playback only mode disabled
1: Playback only mode enabled
5
PBO_LIN_MU
TE
0
R/W
This bit mutes the line input in Playback Only
operation mode.
0: Line input enabled
1: Line input muted
1
PBO_OP1L_O
N
0
R/W
This register enables the left channel of OPAMP 1 in
playback only mode.
0: Left OP1 is switched off
1: Left OP1 is switched on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com