Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 9Page - ams-OSRAM AG AS3418 Datasheet HTML 10Page - ams-OSRAM AG AS3418 Datasheet HTML 11Page - ams-OSRAM AG AS3418 Datasheet HTML 12Page - ams-OSRAM AG AS3418 Datasheet HTML 13Page - ams-OSRAM AG AS3418 Datasheet HTML 14Page - ams-OSRAM AG AS3418 Datasheet HTML 15Page - ams-OSRAM AG AS3418 Datasheet HTML 16Page - ams-OSRAM AG AS3418 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 12
6
Functional Description
This section provides a detailed description of the device related components.
6.1
Audio Line Input
The chip features one stereo line input for music playback. In monitor mode the line inputs can also be
muted in order to interrupt the music playback and increase speech intelligibility.
Figure 7:
Stereo Line Input
If there is a high pass function desired in an application, to block very low frequencies that could harm
the speaker or eliminate little offset voltages, a series capacitor CLIN can support this function. The
implementation is shown in Figure 7. The correct capacitor value for the desired cut-off frequency can
be calculated with the following formula:
Equation 1:
������������������������ =
1
2 ∗ ������ ∗ ������������������������ ∗ ������������������������−������������������
A typical cut-off frequency in an audio application is 20Hz. With an input impedance RLIN of typ. 1k
Ω
and a desired cut off frequency of 20Hz the input capacitor should be bigger than 8µF. Therefore a
typical value of 10µF is recommended.
6.1.1
Parameter
VBAT=1.65V, TA= 25ºC unless otherwise specified.
to left
headphone
amplifier
MUTE
to right
headphone
amplifier
MUTE
Music Left
LINL
Music Right
LINR
RLIN
RLIN
CLIN
CLIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com