Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 16Page - ams-OSRAM AG AS3418 Datasheet HTML 17Page - ams-OSRAM AG AS3418 Datasheet HTML 18Page - ams-OSRAM AG AS3418 Datasheet HTML 19Page - ams-OSRAM AG AS3418 Datasheet HTML 20Page - ams-OSRAM AG AS3418 Datasheet HTML 21Page - ams-OSRAM AG AS3418 Datasheet HTML 22Page - ams-OSRAM AG AS3418 Datasheet HTML 23Page - ams-OSRAM AG AS3418 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 19
Figure 16:
Microphone THD+N vs. Vinput ECO Mode (A-weighted)
6.3
Microphone Supply
The AS3418 features an integrated microphone supply voltage regulator and a charge pump to source
the microphone LDO even with a 1.4V chip supply voltage in order to increase the sensitivity of the
microphone. The microphone supply charge pump is in default configuration enabled and can be
controlled in ANC and Monitor operation mode with register ANCMON_MICS_CP_ON bit. For PBO
operation mode there is a dedicated control bit PBO_MICS_CP_ON.
The output of the charge pump is directly connected to an internal microphone supply ultra-low noise
voltage regulator. This low dropout (LDO) regulator is in default configuration enabled and can be
controlled with ANCMON_MICS_ON bit. The default output voltage of the regulator is 2.9V. If there is
a lower output voltage desired in an application the voltage level can be changed via register
MICS_V_SEL register.
If the AS3418 is connected to a 1.5V battery the input voltage will of course drop during operation
because the battery is discharging during operation. In order to make sure the microphone supply
LDO has enough headroom to regulate properly the device features an automatic output voltage
adjustment feature. This function makes sure the voltage regulator has enough headroom and adjusts
the output voltage of the LDO accordingly.
0,0001
0,001
0,01
0,1
1
10
100
Vinput [mV]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com