Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 67 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 67 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 63Page - ams-OSRAM AG AS3418 Datasheet HTML 64Page - ams-OSRAM AG AS3418 Datasheet HTML 65Page - ams-OSRAM AG AS3418 Datasheet HTML 66Page - ams-OSRAM AG AS3418 Datasheet HTML 67Page - ams-OSRAM AG AS3418 Datasheet HTML 68Page - ams-OSRAM AG AS3418 Datasheet HTML 69Page - ams-OSRAM AG AS3418 Datasheet HTML 70Page - ams-OSRAM AG AS3418 Datasheet HTML 71Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 66
Addr: 0x16
AGC_ATTACK_RELEASE_TIME
Bit
Bit Name
Default
Access
Bit Description
0011: 4µs
0100: 8µs
0101: 12µs
0110: 16µs
0111: 24µs
1000: 32µs
1001: 64µs
1010: 128µs
1011: 256µs
1100: 512µs
1101: 1000µs
1110: 2000µs
1111: 4000µs
Figure 90:
AGC_HOLD Register Description
Addr: 0x17
AGC_HOLD
Bit
Bit Name
Default
Access
Bit Description
7:4
ZERO_TIMEO
UT
0000
R/W
This register controls the timeout of the zero cross
detection.
0000: 0 (no timeout)
0001: 20ms
0010: 40ms
0011: 80ms
0100: 120ms
0101: 160ms
0110: 240ms
0111: 320ms
1000: 400ms
1001: 480ms
1010: 560ms
1011: 640ms
1100: 800ms
1101: 960ms
1110: 1120ms
1111: 1280ms
3:0
HOLD_TIME
0000
R/W
This register controls the AGC hold time.
0000: 0 (no hold time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com