Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 37Page - ams-OSRAM AG AS3418 Datasheet HTML 38Page - ams-OSRAM AG AS3418 Datasheet HTML 39Page - ams-OSRAM AG AS3418 Datasheet HTML 40Page - ams-OSRAM AG AS3418 Datasheet HTML 41Page - ams-OSRAM AG AS3418 Datasheet HTML 42Page - ams-OSRAM AG AS3418 Datasheet HTML 43Page - ams-OSRAM AG AS3418 Datasheet HTML 44Page - ams-OSRAM AG AS3418 Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 40
The EEPROM supports three operation modes:
●
Upload Operation - The Upload function copies the register content of register 0x01
– 0x1D
and stores it permanently to the EEPROM.
●
Download Operation - The Download function copies the permanently stored EEPROM
content to the registers of AS3418 and overwrites the existing register content with the
EEPROM values like it happens during startup of the device.
●
TEST UPLOAD - The Test Upload function is a feature to trigger a test EEPROM upload.
During this test the device does not write the EEPROM settings, instead it just tries if it would be
possible to write the EEPROM successfully. It is recommended to perform this test each time
before a real EEPROM upload is triggered.
6.10.1
EEPROM Download Function
In order to trigger an EEPROM Download function (copy EEPROM content to AS3418 system
registers) the EEPROM_DOWNLOAD bit has to be set in register 0x34. Once the bit is set via I2C
interface or the production trimming interface the EE_READY bit in register 0x01 can be checked if
the download of the EEPROM content is finished. As long as the EE_READY bit is zero the download
process is ongoing. Once the bit is set the download process is completed. A flow chart of the
download is shown in Figure 53.
Figure 53:
EEPROM Download Flow Chart
6.10.2
EEPROM Upload Function
An EEPROM Upload function can be simply triggered by setting the EEPROM_UPLOAD bit in register
0x34. Once the bit is set, the EE_READY bit has to be monitored to check the status of the EEPROM.
If the Upload function is completed the EE_READY bit is set and the next step in the upload sequence
is to check the EE_WR_OK bit in the same register 0x01. If the upload process was successfully
completed the bit is set to ‘1’. In case the upload failed the bit is set to ‘0’. The flow chart for the
EEPROM Upload sequence is shown in Figure 54.
Set bit
EEPROM_DOWNLOAD in
register 0x34
EEPROM Download
complete
Check
EE_READY bit
in register 0x01
EE_READY = 0
EE_READY = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com