Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 63 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 63 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 59Page - ams-OSRAM AG AS3418 Datasheet HTML 60Page - ams-OSRAM AG AS3418 Datasheet HTML 61Page - ams-OSRAM AG AS3418 Datasheet HTML 62Page - ams-OSRAM AG AS3418 Datasheet HTML 63Page - ams-OSRAM AG AS3418 Datasheet HTML 64Page - ams-OSRAM AG AS3418 Datasheet HTML 65Page - ams-OSRAM AG AS3418 Datasheet HTML 66Page - ams-OSRAM AG AS3418 Datasheet HTML 67Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 62
Addr: 0x11
PBO_MODE0
Bit
Bit Name
Default
Access
Bit Description
0
PBO_OP1R_
ON
0
R/W
This register enables the right channel of OPAMP 1
in playback only mode.
0: Right OP1 is switched off
1: Right OP1 is switched on
Figure 85:
PBO_MODE1 Register Description
Addr: 0x12
PBO_MODE1
Bit
Bit Name
Default
Access
Bit Description
6
HPH_ON/DIS_
BYPASS
0
R/W
This register disables the headphone amplifier in
Playback Only mode and enables the integrated
music bypass switch.
0: Headphone amplifier disabled/ Bypass enabled
1: Headphone amplifier enabled
5
PBO_MICS_C
P_BYP_EN
0
R/W
This bit disables the automatic charge pump bypass
function if the microphone supply charge pump is in
off mode.
0: Charge Pump bypass disabled
1: Charge Pump bypass enabled
4
PBO_MICS_L
DO_ON
1
R/W
This bit enables the microphone LDO in Playback
Only operation mode.
0: Microphone Supply voltage LDO regulator
disabled
1: Microphone Supply voltage LDO regulator
enabled
3
PBO_MICS_C
P_ON
1
R/W
This bit controls the microphone supply charge
pump. Please mind that disabling the charge pump
automatically activates the integrated music bypass
switch.
0: Microphone supply charge pump disabled
1: Microphone supply charge pump enabled
2
PBO_MIC_ON
0
R/W
This register controls the microphone preamplifier in
Playback Only operation mode.
0: Microphone preamplifier disabled
1: Microphone preamplifier enabled
1:0
PBO_HPH_M
UX
11
R/W
This register selects the input source of the
headphone amplifier in Playback Only operation
mode. Depending on register setting the microphone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com