Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 60 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 60 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 56Page - ams-OSRAM AG AS3418 Datasheet HTML 57Page - ams-OSRAM AG AS3418 Datasheet HTML 58Page - ams-OSRAM AG AS3418 Datasheet HTML 59Page - ams-OSRAM AG AS3418 Datasheet HTML 60Page - ams-OSRAM AG AS3418 Datasheet HTML 61Page - ams-OSRAM AG AS3418 Datasheet HTML 62Page - ams-OSRAM AG AS3418 Datasheet HTML 63Page - ams-OSRAM AG AS3418 Datasheet HTML 64Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 59
Addr: 0x0C
ANC_MIC_RIGHT_GAIN
Bit
Bit Name
Default
Access
Bit Description
111 1111: MUTE (Mute code if NEG_ATT_EN bit
not set)
7.2.3
Monitor Mode Control Registers
Figure 80:
MONITOR_MODE0 Register Description
Addr: 0x0D
MONITOR_MODE0
Bit
Bit Name
Default
Access
Bit Description
7
MON_ EN
1
R/W
This bit disables the monitor mode function in all
operation modes.
0: Monitor mode disabled
1: Monitor mode enabled
5
MON_LIN_MU
TE
1
R/W
This bit enables mute function for the line input in
monitor more.
0: Line input enabled in Monitor mode
1: Line input muted in Monitor mode
1
MON_OP1L_
ON
0
R/W
This register enables the left channel of OPAMP 1 in
MON operation mode.
0: Left OP1 is switched off
1: Left OP1 is switched on
0
MON_OP1R_
ON
0
R/W
This register enables the right channel of OPAMP 1
in MON operation mode.
0: Right OP1 is switched off
1: Right OP1 is switched on
Figure 81:
MONITOR_MODE1 Register Description
Addr: 0x0E
MONITOR_MODE1
Bit
Bit Name
Default
Access
Bit Description
5:4
MON_TIME<1:
0>
00
R/W
Time needed to press the monitor switch until
monitor mode is activated.
00: 25ms
01: 200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com