Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 36 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 36 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 32Page - ams-OSRAM AG AS3418 Datasheet HTML 33Page - ams-OSRAM AG AS3418 Datasheet HTML 34Page - ams-OSRAM AG AS3418 Datasheet HTML 35Page - ams-OSRAM AG AS3418 Datasheet HTML 36Page - ams-OSRAM AG AS3418 Datasheet HTML 37Page - ams-OSRAM AG AS3418 Datasheet HTML 38Page - ams-OSRAM AG AS3418 Datasheet HTML 39Page - ams-OSRAM AG AS3418 Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 35
Figure 43:
Full Slider Mode
In Full Slider Mode the MODE/CSCL pin can detect three different input levels to distinguish between
the different operating modes On, Off and Monitor mode. The timing diagram with all relevant
information is shown in Figure 44.
Figure 44:
Full Slider Timing Diagram
6.8.2
Slider Mode
Slider Mode is similar to Full Slider Mode with the only difference that it is possible to use a push
button (S3) to enable and disable the Monitor Mode. In order to enable this operation mode, register
UI_MODE
has to be set to ‘d1’. The typical connection of the slide switches and push button is shown
in Figure 45.
MODE/CSCL
ANC/CSDA
Control Logic
VBAT
22kΩ
22kΩ
OFF
ON
MON
ANC
PBO
S1
S2
1MΩ
MODE/CSCL Pin
OFF
ON
MONITOR
ON
OFF
> PWR_UP_BUT_TIME
> MON_TIME
> SHUTDOWN_DELAY
>=1.65V
VBAT
45% - 55% VBAT
Operation Mode
> MON_TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com