Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 8Page - ams-OSRAM AG AS3418 Datasheet HTML 9Page - ams-OSRAM AG AS3418 Datasheet HTML 10Page - ams-OSRAM AG AS3418 Datasheet HTML 11Page - ams-OSRAM AG AS3418 Datasheet HTML 12Page - ams-OSRAM AG AS3418 Datasheet HTML 13Page - ams-OSRAM AG AS3418 Datasheet HTML 14Page - ams-OSRAM AG AS3418 Datasheet HTML 15Page - ams-OSRAM AG AS3418 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
Document Feedback
AS3418
Electrical Characteristics
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 11
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBAT = 1.4V; no signal, stereo, ECO
mode
0.63
mA
IHP
Headphone stage current
VBAT = 1.8V; no signal, high quality mode
2.9
mA
VBAT = 1.8V; no signal, ECO mode
2.4
mA
VBAT = 1.4V; no signal, high quality mode
2.78
mA
VBAT = 1.4V; no signal, ECO mode
2.32
mA
IOP1
ANC Filter OPAMP current
VBAT = 1.8V; OP1L and OP1R enabled,
High quality mode
1
mA
VBAT = 1.8V; OP1L and OP1R enabled,
ECO mode
0.7
mA
VBAT = 1.8V; OP1L and OP1R enabled,
High quality mode
0.95
mA
VBAT = 1.8V; OP1L and OP1R enabled,
ECO mode
0.65
mA
IMICS
Microphone low noise LDO
supply current
VBAT = 1.8V; no load; high quality mode
0.69
mA
VBAT = 1.4V; no load; high quality mode
0.67
mA
VBAT = 1.8V; no load; ECO mode
0.33
mA
VBAT = 1.4V; no load; ECO mode
0.32
mA
IMICS_CP
Microphone supply charge
pump current
VBAT = 1.8V; no load
0.3
mA
VBAT = 1.4V; no load
0.26
mA
Typical System Power Consumption
PFF
Typical power consumption
feed forward application in
high quality mode
configuration
VBAT = 1.8V; OP1L, OP1R enabled,
250µA microphone load; all amplifiers in
high quality mode
15
mW
VBAT = 1.4V; OP1L, OP1R enabled,
250µA microphone load; all amplifiers in
high quality mode
10.7
mW
PFF_ECO
Typical power consumption
feed forward application in
ECO mode configuration
VBAT = 1.8V; OP1L, OP1R enabled,
250µA microphone load; all amplifiers in
ECO mode
12.4
mW
VBAT = 1.4V; OP1L, OP1R enabled,
250µA microphone load; all amplifiers in
ECO mode
8.8
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com