Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 46 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 46 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 42Page - ams-OSRAM AG AS3418 Datasheet HTML 43Page - ams-OSRAM AG AS3418 Datasheet HTML 44Page - ams-OSRAM AG AS3418 Datasheet HTML 45Page - ams-OSRAM AG AS3418 Datasheet HTML 46Page - ams-OSRAM AG AS3418 Datasheet HTML 47Page - ams-OSRAM AG AS3418 Datasheet HTML 48Page - ams-OSRAM AG AS3418 Datasheet HTML 49Page - ams-OSRAM AG AS3418 Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 45
Figure 63:
Current Address Read
To keep the access time as short as possible, this format allows a read access without the word
address transfer in advance to the data transfer. The bus is idle and the master issues a START
condition followed by the Device-Read address. Analogous to Random Read, a single byte transfer is
terminated with a not-acknowledge after the 1st register byte. Analogous to Sequential Read an
unlimited number of data bytes can be transferred, where the data bytes have to be responded with an
acknowledge from the master. For termination of the transmission, the master sends a not-
acknowledge following the last data byte and a subsequent STOP condition.
6.12.2
Parameter
VBAT =1.8V, TA=25ºC, unless otherwise specified.
Figure 64:
I
2C Serial Timing
Figure 65:
I
2C Serial Interface Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCSL
CSCL, CSDA Low
Input Level
(max 30% VBAT)
0
-
0.42
V
VCSH
CSCL, CSDA High
Input Level
CSCL, CSDA (min 70% VBAT)
1.16
-
V
HYST
CSCL, CSDA Input
Hysteresis
450
mV
reg_data n
S
DR
A
data
A
reg_data 2
A
...
RA++
RA++
RA++
P
N
8
1-7
ANC/CSDA
MODE/CSCL
8
9
8
1-7
8
9
8
1-7
8
9
Start
Condition
Address
R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
TS
TSU
TH
TL
T HD
TPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com