Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 57 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 57 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 53Page - ams-OSRAM AG AS3418 Datasheet HTML 54Page - ams-OSRAM AG AS3418 Datasheet HTML 55Page - ams-OSRAM AG AS3418 Datasheet HTML 56Page - ams-OSRAM AG AS3418 Datasheet HTML 57Page - ams-OSRAM AG AS3418 Datasheet HTML 58Page - ams-OSRAM AG AS3418 Datasheet HTML 59Page - ams-OSRAM AG AS3418 Datasheet HTML 60Page - ams-OSRAM AG AS3418 Datasheet HTML 61Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 56
Figure 75:
LED_MON Register Description
Addr: 0x08
LED_MON
Bit
Bit Name
Default
Access
Bit Description
4:2
MON_LED_M
ODE
000
R/W
This register controls blinking time of LED in MON
mode.
000: LED always on
001: 80ms PWM active / 80ms off
010: 80ms PWM active / 160ms off
011: 80ms PWM active / 240ms off
100: 80ms PWM active / 320ms off
101: 80ms PWM active / 400ms off
110: 80ms PWM active / 480ms off
111: 80ms PWM active / 560ms off
1:0
MON_ILED
00
R/W
This register controls the integrated LED driver
current sink of the AS3418 in Monitor operation
mode.
00: ILED current sink switched off
01: 25% duty cycle (4µs on/ 14µs off)
10: 50% duty cycle (9µs on/ 9µs off)
11: 100% duty cycle (18µs on/ 0µs off)
Figure 76:
LED_ANC Register Description
Addr: 0x09
LED_ANC
Bit
Bit Name
Default
Access
Bit Description
6:5
PBO_LED_M
ODE
00
R/W
Defines the blinking scheme if PBO mode is active.
Please note that PBO mode has not an individual
LED control register. Therefore this setting uses
hardcoded 25% PWM duty cycle for brightness.
00: LED always off
01: Blinking scheme as in ANC mode
10: Blinking scheme as in MON mode
11: LED always on (=PWM always active)
3:2
ANC_LED_M
ODE
00
R/W
This register controls the different LED effects for
ANC mode with various on/off times as well as
different flash frequencies.
00: LED always on
01: 80ms on / 1s off
10: 80ms on / 1.5s off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com