Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 70 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 70 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 66Page - ams-OSRAM AG AS3418 Datasheet HTML 67Page - ams-OSRAM AG AS3418 Datasheet HTML 68Page - ams-OSRAM AG AS3418 Datasheet HTML 69Page - ams-OSRAM AG AS3418 Datasheet HTML 70Page - ams-OSRAM AG AS3418 Datasheet HTML 71Page - ams-OSRAM AG AS3418 Datasheet HTML 72Page - ams-OSRAM AG AS3418 Datasheet HTML 73Page - ams-OSRAM AG AS3418 Datasheet HTML 74Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 69
7.2.7
EEPROM Control Registers
Figure 93:
EEPROM_CONTROL Register Description
Addr: 0x34
EEPROM_CONTROL
Bit
Bit Name
Default
Access
Bit Description
2
EEPROM_UP
LOAD_TEST
0
R/W
The register bit supports an EEPROM upload test
function which simulates an EEPROM write without
executing the actual write in order to check if the
supply voltage is high enough for proper EEPROM
programming. Once the bit is set, the test is started
automatically and cleared after the test in finished.
The result, if the test was positive, can be read out in
register EE_WR_TEST_OK.
0: EEPROM upload test disabled
1: EEPROM upload test started
1
EEPROM_UP
LOAD
0
R/W
This register triggers the EEPROM upload function
which copies all register content of AS3418 to the
AS3418 to store it permanently to the device. Once
the upload is completed the bit is cleared
automatically. The success of the EEPROM upload
can be read out in register EE_READY.
0: EEPROM upload function disabled
1: EEPROM upload function started
0
EEPROM_DO
WNLOAD
0
R/W
This register triggers the EEPROM download
function which copies all EEPROM content to the
AS3418 configuration regsiters. Once the download
is completed the bit is cleared automatically. The
success of the EEPROM download can be read out
in register EE_READY.
0: EEPROM upload function disabled
1: EEPROM upload function started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com