Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 6Page - ams-OSRAM AG AS3418 Datasheet HTML 7Page - ams-OSRAM AG AS3418 Datasheet HTML 8Page - ams-OSRAM AG AS3418 Datasheet HTML 9Page - ams-OSRAM AG AS3418 Datasheet HTML 10Page - ams-OSRAM AG AS3418 Datasheet HTML 11Page - ams-OSRAM AG AS3418 Datasheet HTML 12Page - ams-OSRAM AG AS3418 Datasheet HTML 13Page - ams-OSRAM AG AS3418 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
Document Feedback
AS3418
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 9
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 5
Absolute Maximum Ratings of AS3418
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VSUP_MAX
Supply Voltage to Ground
-0.5
2
V
Applicable for pin VBAT
VGND_MAX
Ground Terminals
-0.5
+0.5
V
Applicable for pin AGND
and GND
VNEG_MAX
Negative Terminals
-2.0
0.5
V
Applicable for pin VNEG
VCP_MAX
Charge Pump Terminals
VNEG - 0.5
VPOS + 0.5
V
Applicable for pins CPN
and CPP
VHP_MAX
Headphone Pins
VNEG - 0.5
VPOS + 0.5
V
Applicable for pins HPR
and HPL
VANA_MAX
Analog Pins
VNEG - 0.5
VPOS + 0.5
V
Applicable for pins LINL,
LINR, MICL/R, HPR, HPL,
QMICL/R, IOP1x, QOP1x,
CPP, CPN, TRSCL, BPR,
TRSDA, BPL, MICACL
and MICACR
VCON_MAX
Control Pins
VNEG - 0.5
5
V
Applicable for pins
ANC/CSDA and
MODE/CSCL
VOTHER_MAX
Other Pins
VNEG - 0.5
5
V
Applicable for pins MICS
and MICFB
ISCR
Input Current (latch-up
immunity)
± 100
mA
Class II JEDEC JESD78D
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
± 2000
V
Norm: JS-001-2014
Temperature Ranges and Storage Conditions
TJ
Operating Junction Temperature
85
°C
TSTRG
Storage Temperature Range
- 55
125
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Relative Humidity (non-
condensing)
5
85
%
MSL
Moisture Sensitivity Level
1
Unlimited floor lifetime
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.” The lead finish for Pb-
free leaded packages is “Matte Tin” (100% Sn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com