Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3418 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS3418
Description  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS3418 Datasheet HTML 14Page - ams-OSRAM AG AS3418 Datasheet HTML 15Page - ams-OSRAM AG AS3418 Datasheet HTML 16Page - ams-OSRAM AG AS3418 Datasheet HTML 17Page - ams-OSRAM AG AS3418 Datasheet HTML 18Page - ams-OSRAM AG AS3418 Datasheet HTML 19Page - ams-OSRAM AG AS3418 Datasheet HTML 20Page - ams-OSRAM AG AS3418 Datasheet HTML 21Page - ams-OSRAM AG AS3418 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 17
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
20dB gain, ECO mode, AGC
disabled
105
dB
VNOISE-A
A-weighted output
noise floor
0dB gain, 20Hz
– 20kHz
bandwidth, high quality
1.3
µV
10dB gain, 20Hz
– 20kHz
bandwidth, high quality
4.5
µV
20dB gain, 20Hz
– 20kHz
bandwidth, high quality
13.7
µV
0dB gain, 20Hz
– 20kHz
bandwidth, ECO mode
1.4
µV
10dB gain, 20Hz
– 20kHz
bandwidth, ECO mode
5
µV
20dB gain, 20Hz
– 20kHz
bandwidth, ECO mode
15.7
µV
IMIC
Block Current
Consumption
VBAT = 1.8V; no signal, stereo,
normal mode
1
mA
VBAT = 1.8V; no signal, stereo,
ECO mode
0.7
mA
VBAT = 1.4V; no signal, stereo,
normal mode
0.9
mA
VBAT = 1.4V; no signal, stereo,
ECO mode
0.6
mA
AMIC
Programmable
Gain
0
31
dB
Gain Step Size
0.5
dB
Gain Step Precision
0.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com