Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 27 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 27 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 23Page - ams-OSRAM AG AS7225 Datasheet HTML 24Page - ams-OSRAM AG AS7225 Datasheet HTML 25Page - ams-OSRAM AG AS7225 Datasheet HTML 26Page - ams-OSRAM AG AS7225 Datasheet HTML 27Page - ams-OSRAM AG AS7225 Datasheet HTML 28Page - ams-OSRAM AG AS7225 Datasheet HTML 29Page - ams-OSRAM AG AS7225 Datasheet HTML 30Page - ams-OSRAM AG AS7225 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
Document Feedback
AS7225
I²C Master Interface (Local Sensor Interface)
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 26
9
I²C Master Interface (Local Sensor
Interface)
The I²C Master interface can be used to connect external sensors such as the current TSL25721 or
legacy TSL45315 ambient light sensor (or other external sensors with AS7225 native support). Once
the AS7225 has detected the supported ambient light sensor, daylight-responsive dimming directives
can be activated by using the ATCHANMOD command or DIR_CONF register.
9.1
I²C Feature List
●
Clock is set to 400 kHz
●
7+1-bit addressing mode.
●
Write formats: Single-Byte-Write, Page-Write
●
Read formats: Random-Read, Sequential-Read
9.2
I²C Protocol
Figure 17:
I²C Symbol Definition
Symbol
Definition
RW
Note
S
Start condition after stop
R
1-bit
Sr
Repeated start
R
1-bit
SW
Slave address for write
R
Slave address
SR
Slave address for read
R
Slave address
WA
Word address
R
8-bit
A
Acknowledge
W
1-bit
N
No Acknowledge
R
1-bit
Data
Data/write
R
8-bit
Data(n)
Data/read
W
8-bit
P
Stop condition
R
1-bit
WA++
Slave increment word address
R
During acknowledge
The above I²C symbol definition table describes the symbols used in the following Read and Write
descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com