Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 24Page - ams-OSRAM AG AS7225 Datasheet HTML 25Page - ams-OSRAM AG AS7225 Datasheet HTML 26Page - ams-OSRAM AG AS7225 Datasheet HTML 27Page - ams-OSRAM AG AS7225 Datasheet HTML 28Page - ams-OSRAM AG AS7225 Datasheet HTML 29Page - ams-OSRAM AG AS7225 Datasheet HTML 30Page - ams-OSRAM AG AS7225 Datasheet HTML 31Page - ams-OSRAM AG AS7225 Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
Document Feedback
AS7225
I²C Master Interface (Local Sensor Interface)
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 27
9.3
I²C Write Access
Byte Write and Page Write formats are used to write data to the slave.
Figure 18:
I²C Byte Write
Figure 19:
I²C Page Write
The transmission begins with the START condition, which is generated by the master when the bus is
in IDLE state (the bus is free). The device-write address is followed by the word address. After the
word address, any number of data bytes can be sent to the slave. The word address is incremented
internally, in order to write subsequent data bytes on subsequent address locations.
For reading data from the slave device, the master has to change the transfer direction. This can be
done either with a repeated START condition followed by the device-read address, or simply with a
new transmission START followed by the device-read address, when the bus is in IDLE state. The
device-read address is always followed by the first register byte transmitted from the slave. In Read
Mode, any number of subsequent register bytes can be read from the slave. The word address is
incremented internally.
9.4
I²C Read Access
Random, Sequential and Current Address Read are used to read data from the slave.
Figure 20:
I²C Random Read
S
SW
A
WA
A
Data
A P
Write WA++
S
SW
A
WA
A
Data 1
A
..
A
Data n
A
Write WA++
Write WA++
Write WA++
P
S
SW
A
WA
A
SR
A
Data
N
Read WA++
WA++
S
r
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com