Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 15Page - ams-OSRAM AG AS7225 Datasheet HTML 16Page - ams-OSRAM AG AS7225 Datasheet HTML 17Page - ams-OSRAM AG AS7225 Datasheet HTML 18Page - ams-OSRAM AG AS7225 Datasheet HTML 19Page - ams-OSRAM AG AS7225 Datasheet HTML 20Page - ams-OSRAM AG AS7225 Datasheet HTML 21Page - ams-OSRAM AG AS7225 Datasheet HTML 22Page - ams-OSRAM AG AS7225 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
Document Feedback
AS7225
I²C Slave Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 18
8
I²C Slave Interface
Interface and control can be accomplished through an I²C compatible slave interface to a set of
registers that access device control functions and output data. These control and output registers on
the AS7225 are, in reality, implemented as virtual registers in software. The actual I²C slave hardware
registers number only three and are described in the table below. The steps necessary to access the
virtual registers defined in the pages that follow are explained in pseudocode for external I²C master
writes and reads below. A compatible companion Flash device must be incorporated and pre-
programmed for I²C virtual-registers to function.
8.1
I²C Feature List
●
Fast mode (400 kHz) and standard mode (100 kHz) support
●
7+1-bit addressing mode
●
Write format: Byte
●
Read format: Byte
Figure 13:
I²C Slave Device Address and Physical Registers
Entity
Description
Note
Device Slave
Address
8-bit slave address
Byte = 1001001x (device address = 49 h)
x= 1 for Master Read (byte = 93 h)
x= 0 for Master Write (byte = 92 h)
STATUS Register
I²C slave interface
STATUS register
Read-only
Register Address = 0x00h
Bit 1: TX_VALID
0 -> New data may be written to WRITE register
1 -> WRITE register occupied. Do NOT write.
Bit 0: RX_VALID
0 -> No data is ready to be read in READ register.
1 -> Data byte available in READ register.
WRITE Register
I²C slave interface
WRITE register
Write-only
Register Address = 0x01
8 bits of data written by the I²C Master intended for
receipt by the I²C slave. Used for both virtual register
addresses and write data.
READ Register
I²C slave interface
READ register
Read-only
Register Address = 0x02
8 bits of data to be read by the I²C Master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com