Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 8Page - ams-OSRAM AG AS7225 Datasheet HTML 9Page - ams-OSRAM AG AS7225 Datasheet HTML 10Page - ams-OSRAM AG AS7225 Datasheet HTML 11Page - ams-OSRAM AG AS7225 Datasheet HTML 12Page - ams-OSRAM AG AS7225 Datasheet HTML 13Page - ams-OSRAM AG AS7225 Datasheet HTML 14Page - ams-OSRAM AG AS7225 Datasheet HTML 15Page - ams-OSRAM AG AS7225 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
Document Feedback
AS7225
Optical Characteristics
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 11
6
Optical Characteristics
The AS7225 contains an integrated tristimulus sensing element designed to meet the XYZ standard
observer response compliant with the CIE 1931 standard. The device contains a 16-bit integrating
analog-to-digital converter, which integrates current from the photodiodes. To ensure the integrity of
the data, upon completion of an integration cycle, results are transferred to double-buffered registers.
Standard observer tristimulus (XYZ) interference filters are applied to the Calibrated XYZ Chromatic
Smart Lighting Director optical channels as part of the CMOS process. This unique process enables
filter responses that mimic the human eye and is extremely stable over both operating temperature
and time. This in turn allows lifetime correlated color temperature (CCT) calibration to be performed as
part of the manufacturing process. Calibration is accomplished using standard white LEDs at a variety
of CCTs to deliver high accuracy and typically eliminate the need for light-by-light calibration in most
designs. Note, that any change of the pre-calibrated measurement conditions have an impact on the
accuracy of the measurement results. In such cases a design-level diffuser or color brightness
calibration is recommended to achieve highest accuracies. The AS7225 provides 2 calibration
matrices, a factory calibration and a second application specific matrix to optimize the measurement
performance. The additional calibration values will be set using the Smart Lighting Command Set
directives ATNORMGAIN and ATNORMINTT. These settings will be saved in the external flash and
reloaded automatically by the sensor firmware. See Section 12 for description of the complete Smart
Lighting Command Set.
The AS7225 LGA package contains an internal aperture that provides a package field of view (PFOV)
of ± 20.5°. External optics can be used as needed to expand or reduce this built in PFOV.
Sensor data readout to the maximum count value range is limited by the ADC. The maximum count
range value of 65535 is only reached with an integration time tINT of approximately 177.92ms. Below
that value, the FSR will be less than the maximum 16-bit /65536 count maximum as described in the
chart below.
Figure 7:
Overview Signal Resolution
Bit Resolution
tINT in ms
Maximum Counts
10
2.78
1024
11
5.56
2048
12
11.12
4096
13
22.24
8192
14
44.48
16384
15
88.96
32768
16
177.92
65536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com