Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 6Page - ams-OSRAM AG AS7225 Datasheet HTML 7Page - ams-OSRAM AG AS7225 Datasheet HTML 8Page - ams-OSRAM AG AS7225 Datasheet HTML 9Page - ams-OSRAM AG AS7225 Datasheet HTML 10Page - ams-OSRAM AG AS7225 Datasheet HTML 11Page - ams-OSRAM AG AS7225 Datasheet HTML 12Page - ams-OSRAM AG AS7225 Datasheet HTML 13Page - ams-OSRAM AG AS7225 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
Document Feedback
AS7225
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 9
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. The device is not
designed for high-energy UV (ultraviolet) environments, including upward looking outdoor applications,
which could affect long-term optical performance. All voltages with respect to GND. Device
parameters are guaranteed at VDD = 3.3 V and TAMB = 25 °C unless otherwise noted.
Figure 5
Absolute Maximum Ratings of AS7225
Symbol
Parameter
Min
Typ
Max
Unit
Comments
Electrical Parameters
VDD1_MAX
Supply Voltage VDD1
-0.3
5
V
Pin VDD1 to GND
VDD2_MAX
Supply Voltage VDD2
-0.3
5
V
Pin VDD2 to GND
VDD_IO
Input/Output Pin
Voltage
-0.3
VDD +
0.3
V
Low Voltage pins to
GND
ISCR
Input Current (latch-up
immunity)
± 100
mA
JESD78D
Electrostatic Discharge
ESDHBM
Electrostatic Discharge
HBM
± 1000
V
JS-001-2014
ESDCDM
Electrostatic Discharge
CDM
± 500
V
JEDEC JESD22-
C101F Oct 2013
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature
Range
-40
85
°C
TBODY
Package Body
Temperature
260
°C
IPC/JEDEC J-STD-
020 (1)
RHNC
Relative Humidity (non-
condensing)
5
85
%
MSL
Moisture Sensitivity
Level
3
Represents a 168-
hour max. floor
lifetime.
Bump Temperature (soldering)
TPEAK
(1)
Peak Temperature
235
245
°C
Solder Profile
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.” The lead finish for
Pb-free leaded
packages is “Matte Tin” (100 % Sn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com