Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 7Page - ams-OSRAM AG AS7225 Datasheet HTML 8Page - ams-OSRAM AG AS7225 Datasheet HTML 9Page - ams-OSRAM AG AS7225 Datasheet HTML 10Page - ams-OSRAM AG AS7225 Datasheet HTML 11Page - ams-OSRAM AG AS7225 Datasheet HTML 12Page - ams-OSRAM AG AS7225 Datasheet HTML 13Page - ams-OSRAM AG AS7225 Datasheet HTML 14Page - ams-OSRAM AG AS7225 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
Document Feedback
AS7225
Electrical Characteristics
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 10
5
Electrical Characteristics
All limits are guaranteed with VDD = VDD1 = VDD2 = 3.3 V, TAMB = 25 °C. The parameters with min
and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods. If
VDD1 and VDD2 must be sourced by the same 2.97 V to 3.6 V supply. All voltages with respect to
GND.
Figure 6:
Electrical Characteristics of AS7225
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General Operating Conditions
VDD1 / VDD2
Voltage Operating
Supply
2.97
3.3
3.6
V
TAMB
Operating Temperature
-40
25
85
°C
IVDD
Operating Current
5
mA
Internal RC Oscillator
Fosc
Internal RC Oscillator
Frequency
15.7
16
16.3
MHz
tJITTER
(1)
Jitter
@25 °C
1.2
ns
Temperature Sensor
DTemp
Absolute Accuracy of
the Internal
Temperature
Measurement
-8.5
8.5
°C
Indicator LED
IIND
LED Current
1
8
mA
IACC
Accuracy of Current
-30
30
%
VLED
Voltage Range of
Connected LED
VDS of current sink
0.3
VDD
V
Digital Inputs and Outputs
IIH, IIL
Logic Input Current
Vin=0 V or VDD
-1
1
µA
VIH
CMOS Logic High
Input
0.7*VDD
VDD
V
VIL
CMOS Logic Low Input
0
0.3*VDD
V
VOH
CMOS Logic High
Output
I=1 mA
VDD-0.4
V
VOL
CMOS Logic Low
Output
I=1 mA
0.4
V
tRISE
Current Rise Time
C(Pad)=30 pF
5
ns
tFALL
Current Fall Time
C(Pad)=30 pF
5(1)
ns
(1)
Guaranteed, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com