Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 49Page - ams-OSRAM AG AS7225 Datasheet HTML 50Page - ams-OSRAM AG AS7225 Datasheet HTML 51Page - ams-OSRAM AG AS7225 Datasheet HTML 52Page - ams-OSRAM AG AS7225 Datasheet HTML 53Page - ams-OSRAM AG AS7225 Datasheet HTML 54Page - ams-OSRAM AG AS7225 Datasheet HTML 55Page - ams-OSRAM AG AS7225 Datasheet HTML 56Page - ams-OSRAM AG AS7225 Datasheet HTML 57Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
Document Feedback
AS7225
UART Command Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 52
11.2
UART Protocol
Figure 79:
UART Protocol
11.3
SPI Timing Characteristics
The AS7225 contains a serial UART interface to connect to a flash memory. An overview can be
found in Figure 83. The required timing characteristics for a serial interface is shown in Figure 81 and
in Figure 82 accordingly. If a Flash memory is used which is not listed in Figure 83 it should be
ensured that the SPI timing is achieved (for debug purposes). Contact ams for requests to
support/verify additional flash devices beyond those listed in the most current device verification
listing.
Figure 80:
SPI Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI Interface
fSCK
Clock frequency
0
16
MHz
tSCK_H
Clock high time
40
ns
tSCK_L
Clock low time
40
ns
tSCK_RISE
SCK rise time
5
ns
tSCK_FALL
SCK fall time
5
ns
tCSN_S
CSN setup time
Time between CSN high-
low transition to first SCK
high transition
5
ns
After Tbit/2: Sampling of Start Bit
Start Bit
Stop Bit
Data Bits
Start
Next Start
Start Bit detected
Tbit=1/Baud Rate
Always Low
Always High
After Tbit: Sampling of Data
Sample Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com