Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 26Page - ams-OSRAM AG AS7225 Datasheet HTML 27Page - ams-OSRAM AG AS7225 Datasheet HTML 28Page - ams-OSRAM AG AS7225 Datasheet HTML 29Page - ams-OSRAM AG AS7225 Datasheet HTML 30Page - ams-OSRAM AG AS7225 Datasheet HTML 31Page - ams-OSRAM AG AS7225 Datasheet HTML 32Page - ams-OSRAM AG AS7225 Datasheet HTML 33Page - ams-OSRAM AG AS7225 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
Document Feedback
AS7225
I²C Master Interface (Local Sensor Interface)
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 29
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tHIGH
HIGH Period of SCL Clock
0.6
µs
tSU:STA
Setup Time for a Repeated
START
0.6
µs
tHD:DAT
Data Hold Time
0
0.9
µs
tSU:DAT
Data Setup Time
100
ns
tR
Rise Time of Both SDA and
SCL
20
300
ns
tF
Fall Time of Both SDA and
SCL
20
300
ns
tSU:STO
Setup Time for STOP
Condition
0.6
µs
CB
Capacitive Load for Each
Bus Line
CB
– total
capacitance of
one bus line in pF
400
pF
CI/O
I/O Capacitance (SDA, SCL)
10
pF
Figure 23:
I²C Master Timing Diagram
tR
tLOW
SCL
P
S
tHIGH
S
P
tHD:STA
tHD:DAT
tSU:DAT
VIH
SDA
tBUF
VIL
Stop
Start
tSU:STA
tF
tSU:STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com