Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 30Page - ams-OSRAM AG AS7225 Datasheet HTML 31Page - ams-OSRAM AG AS7225 Datasheet HTML 32Page - ams-OSRAM AG AS7225 Datasheet HTML 33Page - ams-OSRAM AG AS7225 Datasheet HTML 34Page - ams-OSRAM AG AS7225 Datasheet HTML 35Page - ams-OSRAM AG AS7225 Datasheet HTML 36Page - ams-OSRAM AG AS7225 Datasheet HTML 37Page - ams-OSRAM AG AS7225 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
Document Feedback
AS7225
Register Description
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 33
10.2
Detailed Register Description
10.2.1
Hardware Version Registers (Address 0x00/0x01)
These byte registers are used together as HW_V_H: HW_V_L
Figure 25:
Hardware Version Register High
Addr: 0x00
HW_VERSION_H
Bit
Bit Name
Default
Access
Bit Description
7:0
Device Type
0x40
R
Device type number
Figure 26:
Hardware Version Register Low
Addr: 0x01
HW_VERSION_L
Bit
Bit Name
Default
Access
Bit Description
7:0
HW Version
0x19
R
Hardware version number
10.2.2
Firmware Version Registers (Address 0x02/0x03)
These byte registers are used together as FW_V_H: FW_V_L. Set register 0x02 or 0x03 to 1-3 to get
each firmware positions. Other write values set registers 0x02/0x03 to zero.
Figure 27:
Firmware Version Register High
Addr: 0x02 (R/W)
FW_VERSION_H
Bit
Bit Name
Default
Access
Bit Description
15:8
MAJOR Version
0
R
Major version high byte
15:8
PATCH Version
0
R
Patch version high byte
15:8
BUILD Version
0
R
Build version high byte
7:0
Firmware Position
0
W
FW position setting
1= Read out Major version
2= Read out Patch version
3= Read out Build version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com