Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS7225 Datasheet HTML 1Page - ams-OSRAM AG AS7225 Datasheet HTML 2Page - ams-OSRAM AG AS7225 Datasheet HTML 3Page - ams-OSRAM AG AS7225 Datasheet HTML 4Page - ams-OSRAM AG AS7225 Datasheet HTML 5Page - ams-OSRAM AG AS7225 Datasheet HTML 6Page - ams-OSRAM AG AS7225 Datasheet HTML 7Page - ams-OSRAM AG AS7225 Datasheet HTML 8Page - ams-OSRAM AG AS7225 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
Document Feedback
AS7225
General Description
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 4
Benefits
Features
Used to interface other ams sensors with
native support by the AS7225 (e.g. TSL2572
for adding Daylighting operation)
I²C master digital or UART interface
Rapid luminaire integration
Simple register-based or AT commands to control
and configure key light-tuning supervisory and IoT
sensor expansion functions
Complete data on lighting environment
Readable registers or AT commands for CIE 1931
and 1975 color-point coordinates, CCT, duv and
lux
Calibrated sensing with minimal drift over time
and temperature
Chromatic white color realized by silicon
interference filters
Small package, with build in aperture
20-pin LGA package 4.5 mm x 4.7 mm x 2.5 mm,
with integrated aperture, -40 °C to 85 °C
1.2
Applications
●
Commercial, retail, and residential CCT tunable LED lighting systems
●
Higher precision replacement lamps/bulbs
●
Intelligent, networked solid state lighting director for variable CCT chromatic tuning luminaires
systems
●
Integrated smart lighting control of variable CCT white lighting solutions
●
Luminaires intended to meet California Title 24 daylighting requirements
●
Networked lighting systems with IoT sensor expandability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com