Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 9Page - ams-OSRAM AG AS7225 Datasheet HTML 10Page - ams-OSRAM AG AS7225 Datasheet HTML 11Page - ams-OSRAM AG AS7225 Datasheet HTML 12Page - ams-OSRAM AG AS7225 Datasheet HTML 13Page - ams-OSRAM AG AS7225 Datasheet HTML 14Page - ams-OSRAM AG AS7225 Datasheet HTML 15Page - ams-OSRAM AG AS7225 Datasheet HTML 16Page - ams-OSRAM AG AS7225 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
Document Feedback
AS7225
Optical Characteristics
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 12
Figure 8:
AS7225 Optical Characteristics
Symbol
Parameter
Conditions
Min
Typ
(1)
Max
Unit
Color_m(2)
Color
Measurement
Accuracy
White light
CCT=2700 K,
3500 K, 4500 K
and 5700 K
0.002
du’v’
Z_count
Z Channel
Count Accuracy
White light CCT =
5700 K
3.375
4.5
5.625
counts/
(µW/cm²)
(1)
Typical values at Lux
≥50, integration time = 400.4 ms. Gain = 1x, T
AMB = 25 °C
(2)
Calibration and measurements are made using diffused light
Figure 9:
Normalized Spectral Responsivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com