Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 36Page - ams-OSRAM AG AS7225 Datasheet HTML 37Page - ams-OSRAM AG AS7225 Datasheet HTML 38Page - ams-OSRAM AG AS7225 Datasheet HTML 39Page - ams-OSRAM AG AS7225 Datasheet HTML 40Page - ams-OSRAM AG AS7225 Datasheet HTML 41Page - ams-OSRAM AG AS7225 Datasheet HTML 42Page - ams-OSRAM AG AS7225 Datasheet HTML 43Page - ams-OSRAM AG AS7225 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
Document Feedback
AS7225
Register Description
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 39
The registers create a 16-bit integer value from 0 to 65535 representing a PWM (Color + Dimming)
tuning percentage between 0.00 and 100.00%.
Example: 0001101001001111 = 1A4F = 6735 = 10.28%
Figure 40:
Director Channel_3 Result Register High
Addr: 0x66
DIR_CH_3_H
Bit
Bit Name
Default
Access
Bit Description
15:8
DIR_CH_3_H
00000000
R
Channel 3 high byte
CHAN_MODE 0 = Disabled
(0)
CHAN_MODE 1 = String1
complement
COLOR_TUNING
CHAN_MODE 2 = String 2
COLOR_TUNING incl.
dimming
Figure 41:
Director Channel_3 Result Register Low
Addr: 0x67
DIR_CH_3_L
Bit
Bit Name
Default
Access
Bit Description
7:0
DIR_CH_3_L
00000000
R
Channel 3 low byte
10.2.13
Director Target for LUX Registers (Addresses 0x70, 0x71)
These byte registers are used together as DIR_LUXT_H: DIR_LUXT_L.
They create a 16-bit integer value for LUX target.
Example: 0000001111101000 = 1000 LUX
Figure 42:
Director Target for LUX Register High
Addr: 0x70 (R/W)
DIR_LUXT_H
Bit
Bit Name
Default
Access
Bit Description
15:8
DIR_LUXT_H
00000000
R/W
Director target for LUX high
byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com