Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 16Page - ams-OSRAM AG AS7225 Datasheet HTML 17Page - ams-OSRAM AG AS7225 Datasheet HTML 18Page - ams-OSRAM AG AS7225 Datasheet HTML 19Page - ams-OSRAM AG AS7225 Datasheet HTML 20Page - ams-OSRAM AG AS7225 Datasheet HTML 21Page - ams-OSRAM AG AS7225 Datasheet HTML 22Page - ams-OSRAM AG AS7225 Datasheet HTML 23Page - ams-OSRAM AG AS7225 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
Document Feedback
AS7225
I²C Slave Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 19
8.2
I²C Virtual Register Write Access
I²C Virtual Resister Byte Write, detailed below, shows the pseudocode necessary to write virtual
registers on the AS7225. Note that, because the actual registers of interest are realized as virtual
registers, a means of indicating whether there is a pending read or write operation of a given virtual
register is needed. To convey this information, the most significant bit of the virtual register address is
used as a marker. If it is 1, then a write is pending, otherwise the slave is expecting a virtual read
operation. The pseudocode illustrates the proper technique for polling of the I²C slave status register
to ensure the slave is ready for each transaction.
8.2.1
I²C Virtual Register Byte Write
Pseudocode
1
Poll I²C slave STATUS register;
2
If TX_VALID bit is 0, a write can be performed on the interface;
3
Send a virtual register address and set the MSB of the register address to 1
to indicate the pending write;
4
Poll I²C slave STATUS register;
5
If TX_VALID bit is 0, the virtual register address for the write has been
received and the data may now be written;
6
Write the data.
Sample Code
#define I2C_AS72XX_SLAVE_STATUS_REG
0x00
#define I2C_AS72XX_SLAVE_WRITE_REG
0x01
#define I2C_AS72XX_SLAVE_READ_REG
0x02
#define I2C_AS72XX_SLAVE_TX_VALID
0x02
#define I2C_AS72XX_SLAVE_RX_VALID
0x01
void i2cm_AS72xx_write(uint8_t virtualReg, uint8_t d)
{
volatile uint8_t status ;
while (1)
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com