Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 5Page - ams-OSRAM AG AS7225 Datasheet HTML 6Page - ams-OSRAM AG AS7225 Datasheet HTML 7Page - ams-OSRAM AG AS7225 Datasheet HTML 8Page - ams-OSRAM AG AS7225 Datasheet HTML 9Page - ams-OSRAM AG AS7225 Datasheet HTML 10Page - ams-OSRAM AG AS7225 Datasheet HTML 11Page - ams-OSRAM AG AS7225 Datasheet HTML 12Page - ams-OSRAM AG AS7225 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
Document Feedback
AS7225
Pin Assignment
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 8
Pin Number
Pin Name
Pin Type
(1)
Description
5
MISO
DI
SPI MISO
6
CSN
DO
Chip select for the required external flash
memory, active low
7
NC
-
Not connected
8
I2C_ENB
DI
Select UART (Low) or I²C (High) Operation
9
SCL_M
DI/O
I²C master clock pin
10
SDA_M
DI/O
I²C master data pin
11
RX/SCL_S
DI/O
RX (UART) or SCL_S (I²C Slave) Depending on
I2C_ENB
12
TX/SDA_S
DI/O
TX (UART) or SDA_S (I²C Slave) Depending on
I2C_ENB
13
INT
DO
Interrupt, active low
14
VDD2
P
Voltage supply
15
MODE
DI
Mode selection pin. Set to Mode=0 via 100Ohm
resistor. Other Modes are reserved.
16
GND
P
Ground
17
VDD1
P
Voltage supply
18
LED_IND
AO
LED Driver output for Indicator LED, current
sink.
19
NC
-
Not connected
20
NC
-
Not connected
(1)
Explanation of abbreviations:
DI
Digital Input
DO
Digital Output
DI/O
Digital In Out
AO
Analog out
AI
Analog In
P
Power pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com