Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 36 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 36 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 32Page - ams-OSRAM AG AS7225 Datasheet HTML 33Page - ams-OSRAM AG AS7225 Datasheet HTML 34Page - ams-OSRAM AG AS7225 Datasheet HTML 35Page - ams-OSRAM AG AS7225 Datasheet HTML 36Page - ams-OSRAM AG AS7225 Datasheet HTML 37Page - ams-OSRAM AG AS7225 Datasheet HTML 38Page - ams-OSRAM AG AS7225 Datasheet HTML 39Page - ams-OSRAM AG AS7225 Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
Document Feedback
AS7225
Register Description
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 35
10.2.4
Integration Time Register (Address 0x05)
Figure 30:
INTEGRATION_TIME Register
Addr: 0x05 (R/W)
INTEGRATION_TIME
Bit
Bit Name
Default
Access
Bit Description
7:0
INTEGRATION_TIME
20
R/W
Sensor integration time =
<value>*2.8 ms (valid value
range 1-255)
10.2.5
Device Temperature Register (Address 0x06)
Figure 31:
Temperature Register
Addr: 0x06
TEMPERATURE
Bit
Bit Name
Default
Access
Bit Description
7:0
TEMPERATURE
-
R
Device internal temperature
(1byte). Byte is a hex integer
value, in °C.
10.2.6
LED Configuration Register (Address 0x07)
Figure 32:
LED_CONFIG Register
Addr: 0x07 (R/W)
LED_CONFIG
Bit
Bit Name
Default
Access
Bit Description
7:1
RSVD
-
-
Reserved
0
LED_CONFIG
0x01
R/W
Enable/disable LED_IND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com