Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 61 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 61 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 57Page - ams-OSRAM AG AS7225 Datasheet HTML 58Page - ams-OSRAM AG AS7225 Datasheet HTML 59Page - ams-OSRAM AG AS7225 Datasheet HTML 60Page - ams-OSRAM AG AS7225 Datasheet HTML 61Page - ams-OSRAM AG AS7225 Datasheet HTML 62Page - ams-OSRAM AG AS7225 Datasheet HTML 63Page - ams-OSRAM AG AS7225 Datasheet HTML 64Page - ams-OSRAM AG AS7225 Datasheet HTML 65Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
Document Feedback
AS7225
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 60
Command
Direction
Description
Format
Value Range
Default
ATLXSL1
R/W
Write a calibration
scalar K1 for external
ambient light sensor
Formula
K0 & K1>0:
LUX=K0*ADC0-
K1*ADC1
K0=0: LUX=K1*ADC1
K1=0:
LUX=K0*ADC0
(TSL2572 only)
DEZ
≥0
0
Firmware Update
ATFWU
W
Starts firmware update
process and transfer
the bin file checksum
-
-
-
ATFW
W
Download new
firmware
Up to 10 bytes of
firmware image at a
time (20 hex bytes with
no leading or trailing
0x)
Repeat command till all
56k bytes of firmware
are downloaded
-
HEX STRING
(without 0x), max 10 bytes
-
ATFWS
W
Test the checksum on
the non-active FW
partition and if correct
switches active
partition. This is a
toggle and can be used
to toggle between 2
firmware partitions.
Note the first 5 bytes in
page 0 are not
touched. It is only
temporary switch and
must be used to check
the new firmware
whether the
communication works!
-
-
-
ATFWL
W
This command locks
the current firmware to
start on power cycles. It
rewrites the first 5
bytes in page 0!
-
-
-
ATFWC
R
This command gives
information about the
current firmware state
HEX
Bit0
– Checksum of non-active firmware
ok
Bit1
– Error occurred
Bit2
– Is bank 1 active
Bit3
– Not used
Bit4
– Current firmware is locked
Bit5
– 56k bytes transferred
Bit6
–Not used
Bit7
– Firmware update active
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com