Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 57 Page - ams-OSRAM AG

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Datasheet(HTML) 57 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 53Page - ams-OSRAM AG AS7225 Datasheet HTML 54Page - ams-OSRAM AG AS7225 Datasheet HTML 55Page - ams-OSRAM AG AS7225 Datasheet HTML 56Page - ams-OSRAM AG AS7225 Datasheet HTML 57Page - ams-OSRAM AG AS7225 Datasheet HTML 58Page - ams-OSRAM AG AS7225 Datasheet HTML 59Page - ams-OSRAM AG AS7225 Datasheet HTML 60Page - ams-OSRAM AG AS7225 Datasheet HTML 61Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
Document Feedback
AS7225
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 56
Figure 84:
Smart Lighting Command Interface
12.1
AT Commands
The command interface to control the AS7225 is via the UART, using AT commands across the UART
interface. The AT command interface block diagram, shown in Figure 84 between the host MCU
interface and the core of the system, provides access to the AS7225
’s Cognitive Light Engine’s control
and configuration functions (see also chapter UART Command Interface).
In the command description below, numeric values may be specified with no leading prefix, in which
case they will
be interpreted as decimals, with leading “0x” to indicate that they are hexadecimal
numbers, or with a leading “b” to indicate, that they are binary numbers. The commands are grouped
into functional areas Texts appearing between angle brackets (‘<’ and ‘>’) are commands or response
argument. A carriage return character, a linefeed character, or both may terminate commands to the
SLD. The SLD command output is a response followed by a linefeed character. Note that any
command that cannot interpreted or which
encounters an error will generate “ERROR” response.
Figure 85:
AT Commands
Command
Direction
Description
Format
Value Range
Default
Status
AT
R
NOP
-
-
-
ATVERSW
R
Return the current
software version
number
DEZ
<MAJOR.MINOR.PATCH>
-
UART
CLE
AS7225
Smart Lighting Command Interface
Host
MCU
Smart Lighting
Command
BLE
WiFI
ZigBee
BacNet
KNX
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com