Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 32Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 33Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 34Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 35Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 36Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 37Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 38Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 39Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 36
May 11, 2026
RC193xx Datasheet
4.5.4
VENDOR_REVISION_ID
Vendor ID, Revision ID Register.
4.5.5
DEVICE_ID
Device ID Register.
4.5.6
BYTE_COUNT
Number of Bytes Returned on an SMBus Block Read.
4.5.7
SLEW_AMP_SELECT
Multifunction Pin Configuration Register.
VENDOR_REVISION_ID Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:4
rid
RO
0x0
Revision ID. Silicon revision.
0x0 = A revision
3:0
vid
RO
0x1
Vendor ID. Vendor ID.
0x1 = Renesas
DEVICE_ID Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:0
device_id
RO
0x38
Device ID. RC19308 listed as default.
0x38 = RC19308
0x34 = RC19304
0x32 = RC19302
BYTE_COUNT Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:5
reserved
RW
0x0
Reserved
4:0
byte_count
RW
0x7
Writing to this register configures how many bytes will be returned on an
SMBus block read.
SLEW_AMP_SELECT Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7
slew_amp_sel
RW
0x0
Multifunction pin selection. The pin is defined as either Slew Rate Select or
Amplitude Select. If Amplitude Select is chosen, refer to registers 0x10 and
0x11.
0 = Pin is Slew Rate Select pin (RC193xxA)
1 = Pin is Amplitude Select pin (RC193xxA001)
6
reserved
RW
0x0
Reserved
5:4
clksel_1_0
RW
0x0
Clock mux select. These bits allow software control of the input clock mux.
0 = Both bank from CLKIN0
1 = Bank0 from CLKIN0, bank1 from CLKIN1
2 = Invalid
3 = Both bank from CLKIN1
3:1
reserved
RW
0x0
Reserved
0
clksel_cntrl
RW
0x0
Select pin or software control of the clock mux. Pin control is the power up
default.
0 = Use CLKSEL pin control
1 = Use software control (B0xA [5:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com