Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 20Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 21Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 22Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 23Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 24Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 25Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 26Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 27Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 24
May 11, 2026
RC193xx Datasheet
VOH
Output High Voltage [2]
VHIGH = 900mV, Fast Slew Rate,
156.25MHz, 312.5MHz - amplitude is reduced
by ~50% due to double termination. (Slow slew
rate is not recommended for frequencies
>100MHz)
438
474
510
mV
VOL
Output Low Voltage [2]
-7
14
36
VCROSS Crossing Voltage (abs) [3]
218
247
276
ΔVCROSS Crossing Voltage (var) [3][4][5]
-13
7
31
tR
Rise Time [2]
VT = 20% to 80% of swing
203
301
408
ps
tF
Fall Time [2]
VT = 20% to 80% of swing
207
278
369
ps
tDC
Output Duty Cycle [6]
Across all settings in this table, VT = 0V.
48.6
49.6
50.6
%
1. Both Tx and Rx are terminated (double-terminated) with CL= 2pF. This reduces amplitude by 50%. See Test Loads.
2. Measured from single-ended waveform.
3. Measured at crossing point where the instantaneous voltage value of the rising edge of CLK equals the falling edge of CLKb.
4. Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing points for
this measurement.
5. Defined as the total variation of all crossing voltages of Rising CLK and Falling CLKb. This is the maximum allowed variance in VCROSS for any
particular system.
6. Measured from differential waveform.
Table 21. 34ohm CLK AC/DC Characteristics – Rx-Terminated, Non-PCIe Applications [1]
1. ZOUTSEL_tri = M. This setting turns off the source termination, provided approximately 75% of the source-terminated amplitude at the receiver
with CL= 2pF. For more information, see Figure 10. This setting intends to provide >500mV single-ended swing into a receiver terminated
load.
Symbol
Parameter
Condition
Minimum Typical Maximum
Unit
VOH
Output High Voltage [2]
2. Measured from single-ended waveform.
VHIGH = 800mV, Fast Slew Rate,
156.25MHz, 312.5MHz - amplitude is
reduced by ~50% due to double termination.
(Slow slew rate is not recommended for
frequencies > 100MHz)
554
601
650
mV
VOL
Output Low Voltage [2]
-3
19
40
VCROSS Crossing Voltage (abs) [3]
3. Measured at crossing point where the instantaneous voltage value of the rising edge of CLK equals the falling edge of CLKb.
281
316
352
ΔVCROSS Crossing Voltage (var) [3][4][5]
4. Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing points for
this measurement.
5. Defined as the total variation of all crossing voltages of Rising CLK and Falling CLKb. This is the maximum allowed variance in VCROSS for any
particular system.
-21
11
42
tR
Rise Time [2]
VT = 20% to 80% of swing
130
266
404
ps
tF
Fall Time [2]
VT = 20% to 80% of swing
133
316
500
ps
VOH
Output High Voltage [2]
VHIGH = 900mV, Fast Slew Rate,
156.25MHz, 312.5MHz - amplitude is
reduced by ~50% due to double termination.
(Slow slew rate is not recommended for
frequencies >100MHz)
564
629
695
mV
VOL
Output Low Voltage [2]
-3
19
40
VCROSS Crossing Voltage (abs) [3]
290
331
372
ΔVCROSS Crossing Voltage (var) [3][4][5]
-22
11
45
tR
Rise Time [2]
VT = 20% to 80% of swing
122
262
404
ps
tF
Fall Time [2]
VT = 20% to 80% of swing
124
310
501
ps
tDC
Output Duty Cycle [6]
6. Measured from differential waveform.
Across all settings in this table, VT = 0V.
48.6
49.5
50.4
%
Table 20. 100 ohm CLK AC/DC Characteristics – Double-Terminated, Non-PCIe Applications [1]
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com