Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RC19302A00AGNT#BD0 Datasheet HTML 1Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 2Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 3Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 4Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 5Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 6Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 7Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 8Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Datasheet
R31DS0210EU0106 Rev.1.06
Page 1
May 11, 2026
© 2025-2026 Renesas Electronics
Description
The RC193xx (RC19302, RC19304, RC19308) ultra-
high performance clock muxes support PCIe Gen 1-7.
They provide a Loss-Of-Signal (LOS) output for
system monitoring and redundancy. The devices also
incorporate Power Down Tolerance (PDT), Flexible
Power Sequencing (FPS), and Automatic Clock
Parking (ACP) features, easing system design. They
can drive both source-terminated and double-
terminated loads, operating up to 400MHz.
The family offers 2, 4, or 8 Low-Power (LP) HCSL
output pairs in 3 × 3, 4 × 4, and 6 × 6 mm packages.
The buffers support both Common Clock (CC) and
Independent Reference (IR) PCIe clock architectures.
Applications
▪ Cloud/High-performance computing
▪ nVME storage
▪ Networking
▪ AI Accelerators
Features
▪ Very Low Additive Phase Jitter:
• PCIe Gen5 CC: 6.9fs RMS (typ.)
• PCIe Gen6 CC: 4.1fs RMS (typ.)
• PCIe Gen7 CC: 2.9fs RMS (typ.)
• DB2000Q: 11.5fs RMS (typ.)
• 12kHz - 20MHz (156.25MHz): 42.8fs RMS (typ.)
▪ 2:N or dual x 1:N/2 modes (N is number of outputs)
▪ Power Down Tolerant (PDT) inputs
▪ Flexible Startup Sequencing (FSS)
▪ Automatic Clock Parking (ACP) upon loss of
selected CLKIN
▪ Spread-spectrum tolerant
▪ CLKIN accepts HCSL or LVDS signal levels
▪ Dedicated OEb pin per output
▪ -40 to +105°C, 1.8V ± 5% operation
▪ Devices provide:
• Pin or SMBus selectable 34Ω, 85Ω, or 100Ω
differential output impedance
• Pin or SMBus selectable output slew rate
• Pin or SMBus selectable output amplitude
• 9 SMBus addresses plus write protection
Figure 1. Simplified Block Diagram and Mux Logic
CLKSEL_tri
0
1
M
Bank 0 CLKIN0 CLKIN1 CLKIN0
Bank 1 CLKIN0 CLKIN1 CLKIN1
CLKb3
CLK3
CLK0
CLKb0
Clock
Detect
LOSb
1
M
0
1
M
0
CLKSEL_tri
CLKb7
CLK7
CLK4
CLKb4
Bank 0
CLKIN1
CLKINb 1
CLKIN0
CLKINb 0
Ban k 1
OEb[7:0]
2, 4 , or 8
Outputs
8
2, 4 , or 8 O utput Enables
RC193xx
PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS


Similar Part No. - RC19302A00AGNT#BD0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC19302A00AGNT#BD0 RENESAS-RC19302A00AGNT#BD0 Datasheet
1Mb / 62P
PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
Rev.1.06 May 11, 2026
More results

Similar Description - RC19302A00AGNT#BD0

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DML04 IDT-9DML04 Datasheet
301Kb / 13P
2:4 3.3V PCIe Clock Mux
9DML0441 IDT-9DML0441 Datasheet
238Kb / 10P
2:4 3.3V PCIe Clock Mux
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
9DMV0441 RENESAS-9DMV0441 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
01/26/15
RC190XX RENESAS-RC190XX Datasheet
2Mb / 109P
PCIe Gen5/6 Fanout Buffer Family with LOS
Dec 1, 2022
RC192XX RENESAS-RC192XX Datasheet
1Mb / 59P
PCIe Gen5/6 2-Input Clock Mux Family with LOS
Nov 17, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com