Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 17Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 18Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 19Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 20Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 21Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 22Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 23Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 24Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 21
May 11, 2026
RC193xx Datasheet
Table 16. 100 ohm CLK AC/DC Characteristics – Source-Terminated, PCIe Applications [1]
1. Standard high impedance load with CL = 2pF. See Test Loads.
Symbol
Parameter
Conditions
Minimum Typical Maximum Spec. Limit [2]
2. The specification limits are taken from either the PCI Express Base Specification 7.0 or from relevant x86 processor specifications, whichever is
more stringent.
Unit
VMAX
Absolute Max Voltage
Includes 300mV of
Overshoot (Vovs) [3][4]
3. Measured from single-ended waveform.
4. Defined as the maximum instantaneous voltage including overshoot.
Across all settings in this table at
100MHz.
-
-
1075
1150
mV
VMIN
Absolute Min Voltage
Includes -300mV of
Undershoot (Vuds) [3][5]
5. Defined as the minimum instantaneous voltage including undershoot.
-170
-137
-101
-300
VHIGH
Voltage High [3]
VHIGH set to 800mV.
811
871
926
-
mV
VLOW
Voltage Low [3]
-140
-105
-64
-
VCROSS
Crossing Voltage (abs) [3]
[6][7]
6. Measured at crossing point where the instantaneous voltage value of the rising edge of REFCLK+ equals the falling edge of REFCLK-.
7. Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing points for this
measurement.
VHIGH set to 800mV, scope
averaging off.
346
443
543
250 to 550
ΔVCROSS
Crossing Voltage (var)
[3][6][8]
8. Defined as the total variation of all crossing voltages of Rising REFCLK+ and Falling REFCLK-. This is the maximum allowed variance in VCROSS
for any particular system.
21
25
30
140
dv/dt
Slew Rate [9][10]
9. Measured from differential waveform.
10. Measured from -150mV to +150mV on the differential waveform (derived from REFCLK+ minus REFCLK-). The signal must be monotonic through
the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero crossing.
VHIGH set to 800mV, Fast slew
rate, scope averaging on.
2.4
3.3
4.2
2 to 4
V/ns
VHIGH set to 800mV, Slow slew
rate, scope averaging on.
1.8
2.6
3.4
1.5 to 3.5
ΔTR/F
Rise/Fall Matching [3][11]
11. Matching applies to rising edge rate for REFCLK+ and falling edge rate for REFCLK-. It is measured using a ±75mV window centered on the
median cross point where REFCLK+ rising meets REFCLK- falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations. The Rise Edge Rate of REFCLK+ should be compared to the Fall Edge Rate of REFCLK-;
the maximum allowed difference should not exceed 20% of the slowest edge rate.
VHIGH set to 800mV. Fast slew
rate.
-
8.2
18.6
20
%
ΔTR/F
Rise/Fall Matching [3][11]
VHIGH set to 800mV. Slow slew
rate.
-
14.2
19.7
20
%
VHIGH
Voltage High [3]
VHIGH set to 900mV.
896
967
1030
-
mV
VLOW
Voltage Low [3]
-150
-113
-71
-
VCROSS
Crossing Voltage (abs)
[3][6][7]
VHIGH set to 900mV, scope
averaging off.
388
485
584
300 to 600
ΔVCROSS
Crossing Voltage (var)
[3][6][8]
21
25
30
140
dv/dt
Slew Rate [9][10]
VHIGH set to 900mV, Fast slew
rate, scope averaging on.
2.5
3.5
4.5
2 to 4
V/ns
VHIGH set to 900mV, Slow slew
rate, scope averaging on.
1.9
2.7
3.6
1.5 to 3.5
ΔTR/F
Rise/Fall Matching [3][11]
VHIGH set to 900mV. Fast slew
rate.
-
8
17.8
20
%
ΔTR/F
Rise/Fall Matching [3][11]
VHIGH set to 900mV. Slow slew
rate.
-
12
19.5
20
%
tDC
Output Duty Cycle [9]
VT = 0V differential.
49.5
50.0
50.5
45 to 55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com