Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 6Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 7Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 8Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 9Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 10Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 11Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 12Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 13Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 10
May 11, 2026
RC193xx Datasheet
1.5
RC19302 Pin Information
1.5.1
RC19302 Pin Assignments
Figure 7. RC19302A Pin Assignments
1.5.2
RC19302 Pin Descriptions
Table 3. RC19302A Pin Descriptions
Pin Number
Pin Name
Type
Description
1
CLKIN0
I, DIF
True clock input.
2
CLKINb0
I, DIF
Complementary clock input.
3
VDDIN0
PWR
Power supply for clock input 0.
4
CLKIN1
I, DIF
True clock input.
5
CLKINb1
I, DIF
Complementary clock input.
6
VDDIN1
PWR
Power supply for clock input 1.
7
CLKSEL_tri
I, SE, PD,
PU
Input to select differential input clock 0 or differential input clock 1. This input has an
internal pull-up and pull-down resistor to bias a floating pin to the mid-point.
0 = CLKIN0 selected for all outputs.
1 = CLKIN1 selected for all outputs.
M = CLKIN0 goes to bank 0 and CLKIN1 goes to bank 1.
8
VDDCLK_1
PWR
Power supply for clock output bank 1.
9
CLK5
O, DIF
True clock output.
10
CLKb5
O, DIF
Complementary clock output.
11
ZOUTSEL_tri
I, SE, PD,
PU
Input to select differential output impedance.
0 = 85Ω, 1 = 100Ω, M = 34Ω
Note: This pin is bi-level on the RC19202 clock multiplexer with an internal pull-down,
which results in a default output impedance of 85Ω when left floating.
This pin is tri-level on the RC19302 with both internal pull-up and pull-down resistors.
On the RC19302, this results in a default output impedance of 34Ω when left floating.
This pin must be pulled down or pulled up to select an output impedance of 85Ω or 100Ω,
respectively.
12
OEb5
I, SE, PU,
PDT
Active low input for enabling output 5.
0 = Enable output, 1 = Disable output.
13
LOSb
O, OD,
PDT
Output indicating Loss of Input Signal. This pin is an open drain output and requires an
external pull up resistor for proper functionality. A low output on this pin indicates a loss of
signal on the input clock.
14
VDDA
PWR
Power supply for analog circuitry.
15
OEb2
I, SE, PU,
PDT
Active low input for enabling output 2.
0 = Enable output, 1 = Disable output.
• 20 19 18 17 16
CLKIN0 1
15 OEb2
CLKINb0 2
14 VDDA
VDDIN0 3
13 LOSb
CLKIN1 4
12 OEb5
CLKINb1 5
11 ZOUTSEL_tri
6789 10
RC19302A
20-VFQFPN
Connect to EPAD
to GND.
Top View .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com