Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 35Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 36Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 37Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 38Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 39Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 40Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 41Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 42Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 39
May 11, 2026
RC193xx Datasheet
4.5.11 PD_RESTORE_LOSb_CONFIG
Configuration and Status Register.
3:0
amp_cntrl_def_bnk0
RW
0x7
Default amplitude control for bank 0. When the multifunction pin is configured
as Amplitude Select, this field defines the single-ended output amplitude of the
Bank 0 (CLK[3:0]) when the pin = 0. When the multifunction pin is configured
as Slew Rate Selection, this field determines the amplitude of bank 0
(CLK[3:0]).
0x0 = 625mV
0x1 = 650mV
0x2 = 675mV
0x3 = 700mV
0x4 = 725mV
0x5 = 750mV
0x6 = 775mV
0x7 = 800mV
0x8 = 825mV
0x9 = 850mV
amp_cntrl_def_bnk0 (continued)
0xA = 875mV
0xB = 900mV
0xC = 925mV
0xD = 950mV
0xE = 975mV
0xF = 1000mV
PD_RESTORE_LOSb_CONFIG Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:5
reserved
RW
0x0
Reserved
4
ck_acquire_rb
RO
0x0
Clock acquired read-back. This bit indicates if a clock was ever detected
(LOSb de-asserted) for the current power cycle.
0 = Clock never acquired
1 = Clock acquired once before
3
pd_restoreb
RW
0x1
Save configuration in power-down. This bit determines the behavior of the
device when the PWRGD_PWRDNb pin is asserted low. This bit is
automatically returned to 1 after PWRGD_PWRDNb is toggled 1-0-1 with the
bit set to 0.
0 = Config Cleared
1 = Config Saved
2
sdata_time_out_enable
RW
0x1
Enable SMB time out monitoring SDATA. This bit enables a timeout for the
SMBus data path. This timeout monitor is in addition to the mandatory SCLK
timeout monitor. These monitors release a hung SMBus.
0 = Disable SDATA time out
1 = Enable SDATA time out
1
los1b_rb
RO
0x0
Real-time read back of CLKIN1 clock detect. This bit provides a real-time
status of the CLKIN1 input. The default value assumes CLKIN1 is not present.
0 = LOS event detected (no CLKIN1 detected)
1 = No LOS event detected (CLKIN1 detected)
0
los0b_rb
RO
0x0
Real-time read back of CLKIN0 clock detect. This bit provides a real-time
status of the CLKIN0 input. The default value assumes CLKIN0 is not present.
0 = LOS event detected (no CLKIN0 detected)
1 = No LOS event detected (CLKIN0 detected)
AMP_CTRL_DEF Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com