Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 23Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 24Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 25Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 26Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 27Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 28Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 29Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 30Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 27
May 11, 2026
RC193xx Datasheet
IDDCLK_X
VDDCLK_X Operating Current
per Output Pair, 85Ω
impedance [4]
Fast slew rate, source-terminated load at
100MHz. PWRGD_PWRDNb = 1.
-
9.8
10.4
mA
Fast slew rate, double-terminated load at
100MHz. PWRGD_PWRDNb = 1.
-
11.5
12.1
Fast slew rate, source-terminated load at
maximum output frequency.
PWRGD_PWRDNb = 1.
-
12.4
12.8
Fast slew rate, double-terminated load at
maximum output frequency.
PWRGD_PWRDNb = 1.
-
15.0
15.4
IDDCLK_X
VDDCLK_X Operating Current
per Output Pair, 34Ω
impedance [4]
Fast slew rate, source-terminated load at
100MHz. PWRGD_PWRDNb = 1.
-
9.2
10.1
mA
Fast slew rate, double-terminated load at
100MHz. PWRGD_PWRDNb = 1.
-
14.5
15.5
Fast slew rate, source-terminated load at
maximum output frequency.
PWRGD_PWRDNb = 1.
-
15.4
16.3
Fast slew rate, double-terminated load at
maximum output frequency.
PWRGD_PWRDNb = 1.
-
21.2
21.6
Fast slew rate, receiver-terminated load at
maximum output frequency.
PWRGD_PWRDNb = 1.
-
21.2
21.6
IDDCLK_CORE_X
VDDCLK_X Core Operating
Current, per VDDCLK_X, all
Outputs Disabled
PWRGD_PWRDNb = 1, all outputs disabled,
CLKIN = 100MHz.
-
2.2
2.7
mA
PWRGD_PWRDNb = 1, all outputs disabled,
CLKIN = maximum operating frequency.
-
5.8
7.2
IDDINx
VDDINx Operating Current
Deselected input channel, per VDDIN pin.
PWRGD_PWRDNb = 1.
-
1.7
2.1
mA
Selected input channel, per VDDIN pin.
PWRGD_PWRDNb = 1.
-
11.1
14.3
mA
IDDDIG
VDDDIG Current
PWRGD_PWRDNb = 0 or 1.
-
0.12
0.18
mA
IDDA
VDDA Current
Core logic supply, independent of either bank.
PWRGD_PWRDNb = 0 or 1.
-
0.3
0.32
mA
IDDINxPD
VDDINX Power-down Current
per IDDINX pin.
PWRGD_PWRDNb = 0 (does not apply to
RC19302).
-
1.6
2.1
mA
IDDCLK_xPD
VDDCLK_x Power-down
Current per output bank [5]
PWRGD_PWRDNb = 0 (does not apply to
RC19302).
-
1.8
2
mA
1. See Test Loads.
2. Output voltage set to 800mV. Slew rate has negligible effect on current consumption, so only fast is listed.
3. Total operating current is obtained by adding (IDDCLK x number of outputs used) + IDDCLK_CORE_0 + IDDCLK_CORE_1 + IDDIN0 + IDDIN1 + IDDA +
IDDDIG. For example, let’s assume that the RC19308 is being used at 100MHz with 100ohm source terminated outputs and that only six outputs
are used. CLKIN1 is selected. The typical operating current would be IDDCLK x 6 + IDDCLK_CORE0 + IDDCLK_CORE0 + IDDIN0 + IDDIN1 + IDDA + IDDDIG
or (8.5 x 6)mA + 2.2mA + 2.2mA + 1.7mA + 11.1mA + 0.3mA + 0.14mA = 68.6mA typical. Note: VDDCLK_0 serves CLK[3:0]. VDDCLK_1 serves
CLK[7:4]. Total power down current is obtained by adding IDDCLK_0PD + IDDCLK_1PD + IDDIN0PD + IDDIN1PD + IDDDIG_PD + IDDA.
4.
The value specified is for one output pair. Multiply this value by the number of outputs in use.
5. On the RC19308, bank 0 is powered by 3 VDDCLK_0 pins and bank 1 is powered by 3 VDDCLK_1 pins. This value is the total current per output
bank, not per VDDCLK pin. This parameter needs to be counted only twice.
Table 25. Power Supply Current [1][2][3] (Cont.)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com