Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 38Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 39Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 40Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 41Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 42Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 43Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 44Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 45Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 42
May 11, 2026
RC193xx Datasheet
4.5.14 OUTPUT_SLEW_RATE_7_0
Output Slew Rate Select Register.
3
clk3_impedance1
RW
0x1
CLK3 impedance select bit 1. The default state of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0 or 1, this bit is set to 0 at power up and the appropriate value
is set in B0x14[3].
When this pin is M, this bit is set to 1 at power up, B0x14[3] is set to 0 and
ignored.
0 = Source, see B0x14[3]
1 = 34 ohm differential or 17 ohm single-ended
2
clk2_impedance1
RW
0x1
CLK2 impedance select bit 1. The default state of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0 or 1, this bit is set to 0 at power up and the appropriate value
is set in B0x14[2].
When this pin is M, this bit is set to 1 at power up, B0x14[2] is set to 0 and
ignored.
0 = Source, see B0x14[2]
1 = 34 ohm differential or 17 ohm single-ended
1
clk1_impedance1
RW
0x1
CLK1 impedance select bit 1. The default state of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0 or 1, this bit is set to 0 at power up and the appropriate value
is set in B0x14[1].
When this pin is M, this bit is set to 1 at power up, B0x14[1] is set to 0 and
ignored.
0 = Source, see B0x14[1]
1 = 34 ohm differential or 17 ohm single-ended
0
clk0_impedance1
RW
0x1
CLK0 impedance select bit 1. The default state of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0 or 1, This bit is set to 0 at power up and the appropriate
value is set in B0x14[0].
When this pin is M, This bit is set to 1 at power up, B0x14[0] is set to 0 and
ignored.
0 = Source, see B0x14[0]
1 = 34 ohm differential or 17 ohm single-ended
OUTPUT_SLEW_RATE_7_0 Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7
clk7_slewrate
RW
0x1
CLK7 slew rate select. If B0xA[7]= 0 at power up, the SLEWRATE_SEL pin
sets the default. After power up, the value can be changed via SMBus. If
B0xA[7]= 1 at startup, default=1
0 = Slow slew rate
1 = Fast slew rate
6
clk6_slewrate
RW
0x1
CLK6 slew rate select. If B0xA[7]= 0 at power up, the SLEWRATE_SEL pin
sets the default. After power up, the value can be changed via SMBus. If
B0xA[7]= 1 at startup, default=1
0 = Slow slew rate
1 = Fast slew rate
5
clk5_slewrate
RW
0x1
CLK5 slew rate select. If B0xA[7]= 0 at power up, the SLEWRATE_SEL pin
sets the default. After power up, the value can be changed via SMBus. If
B0xA[7]= 1 at startup, default=1
0 = Slow slew rate
1 = Fast slew rate
OUTPUT_REC_SEL_7_0 Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com