Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 48Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 49Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 50Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 51Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 52Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 53Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 54Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 55Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 52
May 11, 2026
RC193xx Datasheet
A. ECAD Design Information
This information supports the development of the PCB ECAD model for this device. It is intended to be used by
PCB designers.
A.1
Part Number Indexing
A.2
Symbol Pin Information
A.2.1
48-VFQFPN
Orderable Part Number
Number of Pins
Package Type
Package Code/POD Number
RC19308AGNA#BB0
48
VFQFPN
PSC-4212-02/NDG48P2
RC19308AGNA#KB0
48
VFQFPN
PSC-4212-02/NDG48P2
RC19308A001GNA#BB0
48
VFQFPN
PSC-4212-02/NDG48P2
RC19308A001GNA#KB0
48
VFQFPN
PSC-4212-02/NDG48P2
RC19304AGNL#BB0
28
VFQFPN
PSC-4249-01-02/NDG28P1
RC19304AGNL#KB0
28
VFQFPN
PSC-4249-01-02/NDG28P1
RC19304A001GNL#BB0
28
VFQFPN
PSC-4249-01-02/NDG28P1
RC19304A001GNL#KB0
28
VFQFPN
PSC-4249-01-02/NDG28P1
RC19302AGNT#BD0
20
VFQFPN
PSC-4179-02/NDG20P2
RC19302AGNT#KD0
20
VFQFPN
PSC-4179-02/NDG20P2
Pin Number
Primary Pin Name
Primary Electrical Type
Alternate Pin Name(s)
1
ZOUTSEL_tri
Input
-
2
VDDDIG
Power
-
3
PWRGD_PWRDNb
Input
-
4
CLKIN0
Input
-
5
CLKINb0
Input
-
6
VDDIN0
Power
-
7
SADR_tri0
Input
-
8
CLKIN1
Input
-
9
CLKINb1
Input
-
10
SDATA
I/O
-
11
SCLK
Input
-
12
VDDIN1
Power
-
13
VDDCLK_1
Power
-
14
CLK7
Output
-
15
CLKb7
Output
-
16
OEb7
Input
-
17
CLKSEL_tri
Input
-
18
OEb6
Input
-
19
CLK6
Output
-
20
CLKb6
Output
-
21
VDDCLK_1
Power
-
22
CLK5
Output
-
23
CLKb5
Output
-
24
OEb5
Input
-
25
OEb4
Input
-
26
CLK4
Output
-
27
CLKb4
Output
-
28
VDDCLK_1
Power
-
29
LOSb
Output
-
30
VDDCLK_0
Power
-
31
VDDA
Power
-
32
CLK3
Output
-
33
CLKb3
Output
-
34
OEb3
Input
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com