Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 9Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 10Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 11Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 12Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 13Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 14Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 15Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 16Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 13
May 11, 2026
RC193xx Datasheet
2.4
Electrical Characteristics
2.4.1
Additive Phase Jitter
Table 7. PCIe Refclk Phase Jitter (CLKSEL_tri = 0 or 1, Unselected CLKIN Off) – Normal Conditions [1][2][3]
1. The Refclk jitter is measured after applying the filter functions found in the PCI Express Base Specification 7.0. For the exact measurement setup,
see Test Loads. The worst case results for each data rate are summarized in this table. Equipment noise is removed from all measurements.
2. Jitter measurements are made with a capture of at least 100,000 clock cycles captured by a real-time oscilloscope (RTO) with a sample rate of
20GS/s or greater. Broadband oscilloscope noise must be minimized in the measurement. The measured PP jitter is used (no extrapolation) for
RTO measurements. Alternately, jitter measurements can be made with a Phase Noise Analyzer (PNA) extending (flat) and integrating and folding
the frequency content up to an offset from the carrier frequency of at least 200MHz (at 300MHz absolute frequency) below the Nyquist frequency.
For PNA measurements for the 2.5GT/s data rate, the RMS jitter is converted to peak-to-peak jitter using a multiplication factor of 8.83.
3. Differential input swing ≥ 1600mV and input slew rate ≥ 3.5V/ns. The rms sum of the source jitter and the additive jitter (arithmetic sum for PCIe
Gen1) must be less than the jitter specification listed
Symbol
Parameter
Condition
Typical
Maximum
Spec. Limit
Unit
tjphPCIeG1-CC
Additive PCIe Phase Jitter
(Common Clocked Architecture)
PCIe Gen1 (2.5 GT/s)
418
658
86,000
fs p-p
tjphPCIeG2-CC
PCIe Gen2 Hi Band (5.0 GT/s)
52
74
3,100
fs
RMS
PCIe Gen2 Lo Band (5.0 GT/s)
21
23
3,000
tjphPCIeG3-CC
PCIe Gen3 (8.0 GT/s)
18
25
1,000
tjphPCIeG4-CC
PCIe Gen4 (16.0 GT/s) [4][5]
4. SSC spurs from the fundamental and harmonics are removed up to a cutoff frequency of 2MHz taking care to minimize removal of any non-SSC
content.
5. Note that 0.7ps RMS is to be used in channel simulations to account for additional noise in a real system.
18
25
500
tjphPCIeG5-CC
PCIe Gen5 (32.0 GT/s) [4] [6]
6. Note that 0.25ps RMS is to be used in channel simulations to account for additional noise in a real system.
6.9
9.8
150
tjphPCIeG6-CC
PCIe Gen6 (64.0 GT/s) [4] [7]
7. Note that 0.15ps RMS is to be used in channel simulations to account for additional noise in a real system.
4.1
5.8
100
tjphPCIeG7-CC
PCIe Gen7 (128 GT/s) [4][8]
8. Note that 0.10ps RMS is to be used in channel simulations to account for additional noise in a real system.
2.9
4.0
67
tjphPCIeG2-IR
Additive PCIe Phase Jitter
(IR Architectures)
PCIe Gen2 (5.0 GT/s)
47
60
[9]
9. The PCI Express Base Specification 7.0 provides the filters necessary to calculate SRIS jitter values; it does not provide specification limits,
therefore, the reference to this footnote in the Limit column. SRIS values are informative only. A common practice is to split the common clock
budget in half. For 16GT/s data rates and above, the user must choose whether to use the output jitter specification, or the input jitter specification,
which includes an allocation for the jitter added by the channel. Using 32GT/s, the Refclk jitter budget is 150fs RMS. One half of the Refclk jitter
budget is 106fs RMS. At the clock input, the system must deliver 250fs RMS. One half of this value is 177fs RMS. If the clock is placed next to the
PCIe device in an SRIS system, the channel is very short and the user can choose to use this more relaxed value as the jitter limit.
fs
RMS
tjphPCIeG3-IR
PCIe Gen3 (8.0 GT/s)
18
24
tjphPCIeG4-IR
PCIe Gen4 (16.0 GT/s) [3] [4]
19
25
tjphPCIeG5-IR
PCIe Gen5 (32.0 GT/s) [3] [5]
5.1
6.9
tjphPCIeG6-IR
PCIe Gen6 (64.0 GT/s) [3] [7]
3.7
4.9
tjphPCIeG7-IR
PCIe Gen7 (128 GT/s) [3][7]
2.6
3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com