Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 43Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 44Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 45Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 46Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 47Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 48Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 49Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 50Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 47
May 11, 2026
RC193xx Datasheet
Figure 18. Direct-Coupled Double-Terminated HCSL
The RC193xx CLK outputs can directly drive AC-coupling capacitors without any source-termination components.
The differential input will require an input-dependent bias network. This network may or may not be internal to the
receiver. Refer to the receiver specification for detailed requirements. AC-coupling is used to connect the
RC193xx to other logic families such as LVDS, LVPECL, or CML. See AN-891 for examples.
Figure 19. AC-Coupled Differential Input with Bias Network
Table 33 contains values for the items in the above figures.
5.3.2
Internal CLK Source Termination Disabled (ZOUT_SEL_tri = M)
ZOUT_SEL_tri = M disables the internal source termination making the differential ZO = 34ohms. This setting is
used with receiver terminated loads to provide a higher CLK amplitude to the load than can be obtained with a
double terminated configuration. The minimum single-ended amplitude in this configuration targets ~500mV. See
Table 21 for detailed specifications. This setting is intended for ZDIF =100 ohm systems.
Figure 20. Direct-Coupled Receiver-Terminated HCSL
Figure 21. Alternate Direct-Coupled Receiver-Terminated Input
Table 33. Parameters for
Internal CLK Source Termination Enabled
ZOUT_SEL_tri
ZO (ohms)
ZDIF (ohms)
RP (ohms)
CAC (uF)
0
85
85
ZDIF /2
0.1
1
100
100
ZDIF /2
0.1
RC193xx
RP
RP
HCSL
Input
ZDIF
ZO
RC193xx
Differential
Input
CAC
CAC
ZO
ZDIF
Differential
Input
ZDIF
RC193xx
ZO
RP
RP
Differential
Input
RC193xx
RT
ZDIF
ZO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com