Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 50Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 51Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 52Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 53Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 54Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 55Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 56Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 57Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 58Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 54
May 11, 2026
RC193xx Datasheet
A.2.3
20-VFQFPN
Pin Number
Primary Pin Name
Primary Electrical Type
Alternate Pin Name(s)
1
CLKIN0
Input
-
2
CLKINb0
Input
-
3
VDDIN0
Power
-
4
CLKIN1
Input
-
5
CLKINb1
Input
-
6
VDDIN1
Power
-
7
CLKSEL_tri
Input
-
8
VDDCLK_1
Power
-
9
CLK5
Output
-
10
CLKb5
Output
-
11
ZOUTSEL_tri
Input
-
12
OEb5
Input
-
13
LOSb
Output
-
14
VDDA
Power
-
15
OEb2
Input
-
16
CLK2
Output
-
17
CLKb2
Output
-
18
VDDCLK_0
Power
-
19
VDDDIG
Power
-
20
GNDSUB
Power
-
EPAD21
GND
Power
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com