Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 19Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 20Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 21Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 22Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 23Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 24Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 25Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 26Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 23
May 11, 2026
RC193xx Datasheet
3. Measured at crossing point where the instantaneous voltage value of the rising edge of CLK equals the falling edge of CLKb.
4. Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing points for
this measurement.
5. Defined as the total variation of all crossing voltages of Rising CLK and Falling CLKb. This is the maximum allowed variance in VCROSS for any
particular system.
6. Measured from differential waveform.
Table 19. 85 ohm CLK AC/DC Characteristics – Double-Terminated, Non-PCIe Applications [1]
1. Both Tx and Rx are terminated (double-terminated) with CL= 2pF. This reduces amplitude by 50%. See Test Loads.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
VOH
Output High Voltage [2]
2. Measured from single-ended waveform.
VHIGH = 800mV, Fast Slew Rate,
156.25MHz, 312.5MHz - amplitude is reduced
by ~50% due to double termination. (Slow slew
rate is not recommended for frequencies
>100MHz)
382
410
436
mV
VOL
Output Low Voltage [2]
-8
13
33
VCROSS Crossing Voltage (abs) [3]
3. Measured at crossing point where the instantaneous voltage value of the rising edge of CLK equals the falling edge of CLKb.
186
206
226
ΔVCROSS Crossing Voltage (var) [3][4][5]
4. Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing points for
this measurement.
5. Defined as the total variation of all crossing voltages of Rising CLK and Falling CLKb. This is the maximum allowed variance in VCROSS for any
particular system.
-9
8
25
tR
Rise Time [2]
VT = 20% to 80% of swing
256
368
491
ps
tF
Fall Time [2]
VT = 20% to 80% of swing
225
307
417
ps
VOH
Output High Voltage [2]
VHIGH = 900mV, Fast Slew Rate,
156.25MHz, 312.5MHz - amplitude is reduced
by ~50% due to double termination. (Slow slew
rate is not recommended for frequencies
>100MHz)
415
448
480
mV
VOL
Output Low Voltage [2]
-6
14
35
VCROSS Crossing Voltage (abs) [3]
192
216
239
ΔVCROSS Crossing Voltage (var) [3][4][5]
-9
8
27
tR
Rise Time [2]
VT = 20% to 80% of swing
289
418
558
ps
tF
Fall Time [2]
VT = 20% to 80% of swing
227
302
406
ps
tDC
Output Duty Cycle [6]
6. Measured from differential waveform.
Across all settings in this table, VT = 0V.
48.6
49.6
50.5
%
Table 20. 100 ohm CLK AC/DC Characteristics – Double-Terminated, Non-PCIe Applications [1]
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
VOH
Output High Voltage [2]
VHIGH = 800mV, Fast Slew Rate,
156.25MHz, 312.5MHz - amplitude is reduced
by ~50% due to double termination. (Slow slew
rate is not recommended for frequencies >
100MHz)
399
428
456
mV
VOL
Output Low Voltage [2]
-7
13
34
VCROSS Crossing Voltage (abs) [3]
200
228
256
ΔVCROSS Crossing Voltage (var) [3][4][5]
-12
7
30
tR
Rise Time [2]
VT = 20% to 80% of swing
196
272
358
ps
tF
Fall Time [2]
VT = 20% to 80% of swing
214
293
388
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com