Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 15Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 16Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 17Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 18Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 19Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 20Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 21Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 22Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 19
May 11, 2026
RC193xx Datasheet
2.4.2
Other Phase Jitter
Note: Dual-mode operation (CLKSEL_tri = M, both CLKIN running) is recommended only for PCIe applications.
2.4.3
Output Frequencies, Startup Time, and LOS Timing
Table 13. Non-PCIe Refclk Phase Jitter (CLKSEL_tri = 0 or 1, Unselected CLKIN Off) [1][2][3]
1. See Test Loads for test configuration. Measured with one input at 100MHz and the other at 156.25MHz.
2. SMA100B used as signal source.
3. RC19xxx devices meet all legacy QPI/UPI specifications by meeting the PCIe and DB2000Q specifications listed in this document.
Symbol
Parameter
Conditions
Typical
Maximum
Specification
Limit
Unit
tjphDB2000Q
Additive Phase Jitter -
Normal conditions [4]
4. Differential input swing = 1600mV and input slew rate = 3.5V/ns.
100MHz, Intel-supplied filter [3]
11.5
12.8
80 [5]
5. The rms sum of the source jitter and the additive jitter must be less than the jitter specification listed.
fs RMS
tjph12k-20M
156.25MHz (12kHz to 20MHz)
42.8
45.7
N/A
tjphDB2000Q
Additive Phase Jitter -
Degraded conditions [6]
6. Differential input swing = 800mV and input slew rate = 1.5V/ns.
100MHz, Intel-supplied filter [3]
11.5
13.7
80 [5]
tjph12k-20M
156.25MHz (12kHz to 20MHz)
42.8
52.5
N/A
Table 14. Output Frequencies, Startup Time, and LOS Timing
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
fOP
Operating Frequency
Automatic Clock Parking (ACP) Circuit
disabled.
1
-
400
MHz
Automatic Clock Parking (ACP) Circuit
enabled.
25
-
400
tSTARTUP
Start-up Time
[1]
1. Measured from when all power supplies have reached > 90% of nominal voltage to the first stable clock edge on the output. PWRGD_PGWRDNb
tied to VDD in this case.
-
0.5
1.6
ms
[2]
2. VDD stable, measured from de-assertion of PWRGD_PWRDNb.
-
70
85
ns
tLATOEb
OEb Latency
OEb assertion/de-assertion CLK
start/stop latency. Selected input clock
must be running.
4
5
6
clks
tLOSAssert
LOS Assert Time
Time from disappearance of selected input
clock to LOS assert. [3][4]
3. The clock detect circuit does not qualify the accuracy of the input clock.
4. PWRGD_PWRDNb high. The clock detect circuit will park the outputs in a low/low state within this time.
-
244
289
ns
tLOSDeassert
LOS De-assert Time
Time from appearance of selected input
clock to LOS de-assert. [2][5]
5. PWRGD_PWRDNb high. The clock detect circuit will drive the outputs to a high/low state within this time and then begin clocking the outputs.
6
-
7
clks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com