Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 39Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 40Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 41Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 42Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 43Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 44Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 45Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 46Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 43
May 11, 2026
RC193xx Datasheet
4.5.15 LOW_LOW_DETECT
CLKIN Low-Low Detect Enable Register.
4.5.16 RECEIVER_CONTROL
CLKIN Configuration Register.
4
clk4_slewrate
RW
0x1
CLK4 slew rate select. If B0xA[7]= 0 at power up, the SLEWRATE_SEL pin
sets the default. After power up, the value can be changed via SMBus. If
B0xA[7]= 1 at startup, default=1
0 = Slow slew rate
1 = Fast slew rate
3
clk3_slewrate
RW
0x1
CLK3 slew rate select. If B0xA[7]= 0 at power up, the SLEWRATE_SEL pin
sets the default. After power up, the value can be changed via SMBus. If
B0xA[7]= 1 at startup, default=1
0 = Slow slew rate
1 = Fast slew rate
2
clk2_slewrate
RW
0x1
CLK2 slew rate select. If B0xA[7]= 0 at power up, the SLEWRATE_SEL pin
sets the default. After power up, the value can be changed via SMBus. If
B0xA[7]= 1 at startup, default=1
0 = Slow slew rate
1 = Fast slew rate
1
clk1_slewrate
RW
0x1
CLK1 slew rate select. If B0xA[7]= 0 at power up, the SLEWRATE_SEL pin
sets the default. After power up, the value can be changed via SMBus. If
B0xA[7]= 1 at startup, default=1
0 = Slow slew rate
1 = Fast slew rate
0
clk0_slewrate
RW
0x1
CLK0 slew rate select. If B0xA[7]= 0 at power up, the SLEWRATE_SEL pin
sets the default. After power up, the value can be changed via SMBus. If
B0xA[7]= 1 at startup, default=1
0 = Slow slew rate
1 = Fast slew rate
LOW_LOW_DETECT Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:3
reserved
RW
0x12
Reserved
2
low_low_det_enable
RW
0x1
Enable low-low detect circuit on CLKIN0 and CLKIN1. Allows the device to
detect a low-low condition on each CLKIN input and turn off the receiver. (Low-
low is not a valid differential state).
0 = Disable
1 = Enable
1:0
reserved
RW
0x0
Reserved
RECEIVER_CONTROL Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:4
reserved
RW
0x0
Reserved
3
ac_in1
RW
0x0
AC-couple CLKIN1. When AC-coupling the input clock, set this bit to enable
internal bias circuitry on the CLKIN1. This eliminates the need for external bias
components on the CLKIN1 side of the AC-coupling capacitor.
0 = Disable internal bias (DC-coupled)
1 = Enable internal bias (AC-coupled)
OUTPUT_SLEW_RATE_7_0 Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com