Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#BD0 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RC19302A00AGNT#BD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#BD0 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#BD0 Datasheet HTML 18Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 19Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 20Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 21Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 22Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 23Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 24Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 25Page - Renesas Technology Corp RC19302A00AGNT#BD0 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 22
May 11, 2026
RC193xx Datasheet
Table 17. 85 ohm CLK AC/DC Characteristics – Source-Terminated, Non-PCIe Applications[1]
1. Standard high impedance load with CL = 2pF. See Test Loads.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
VOH
Output High Voltage [2]
2. Measured from single-ended waveform.
VHIGH = 800mV, Fast Slew Rate,
156.25MHz, 312.5MHz.
(Slow slew rate is not recommended for
frequencies > 100MHz)
645
812
989
mV
VOL
Output Low Voltage [2]
-220
-41
39
VCROSS Crossing Voltage (abs) [3]
3. Measured at crossing point where the instantaneous voltage value of the rising edge of CLK equals the falling edge of CLKb.
275
376
471
ΔVCROSS Crossing Voltage (var) [3][4][5]
4. Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing points for
this measurement.
5. Defined as the total variation of all crossing voltages of Rising CLK and Falling CLKb. This is the maximum allowed variance in VCROSS for any
particular system.
21
26
32
tR
Rise Time [2]
VT = 20% to 80% of swing
290
429
601
ps
tF
Fall Time [2]
VT = 20% to 80% of swing
271
422
623
ps
VOH
Output High Voltage [2]
VHIGH = 900mV, Fast Slew Rate,
156.25MHz, 312.5MHz.
(Slow slew rate is not recommended for
frequencies > 100MHz)
739
872
1094
mV
VOL
Output Low Voltage [2]
-236
-44
43
VCROSS Crossing Voltage (abs) [3]
285
391
475
ΔVCROSS Crossing Voltage (var) [3][4][5]
21
26
31
tR
Rise Time [2]
VT = 20% to 80% of swing
308
524
729
ps
tF
Fall Time [2]
VT = 20% to 80% of swing
311
476
625
ps
tDC
Output Duty Cycle [6]
6. Measured from differential waveform.
Across all settings in this table, VT = 0V.
48.1
50.0
51.8
%
Table 18. 100 ohm CLK AC/DC Characteristics - Source-Terminated, Non-PCIe Applications [1]
1. Standard high impedance load with CL = 2pF. See Test Loads.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
VOH
Output High Voltage [2]
2. Measured from single-ended waveform.
VHIGH = 800mV, Fast Slew Rate,
156.25MHz, 312.5MHz.
(Slow slew rate is not recommended for
frequencies > 100MHz)
636
837
958
mV
VOL
Output Low Voltage [2]
-165
-52
49
VCROSS Crossing Voltage (abs) [3]
285
420
571
ΔVCROSS Crossing Voltage (var) [3][4][5]
21
26
32
tR
Rise Time [2]
VT = 20% to 80% of swing
285
390
494
ps
tF
Fall Time [2]
VT = 20% to 80% of swing
279
421
593
ps
VOH
Output High Voltage [2]
VHIGH = 900mV, Fast Slew Rate,
156.25MHz, 312.5MHz.
(Slow slew rate is not recommended for
frequencies > 100MHz)
732
908
1070
mV
VOL
Output Low Voltage [2]
-183
31
52
VCROSS Crossing Voltage (abs) [3]
325
405
598
ΔVCROSS Crossing Voltage (var) [3][4][5]
21
47
33
tR
Rise Time [2]
VT = 20% to 80% of swing
383
491
592
ps
tF
Fall Time [2]
VT = 20% to 80% of swing
334
462
579
ps
tDC
Output Duty Cycle [6]
Across all settings in this table, VT = 0V.
48.2
49.9
51.6
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com